Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83953 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83953 Datasheet HTML 1Page - National Semiconductor (TI) DP83953 Datasheet HTML 2Page - National Semiconductor (TI) DP83953 Datasheet HTML 3Page - National Semiconductor (TI) DP83953 Datasheet HTML 4Page - National Semiconductor (TI) DP83953 Datasheet HTML 5Page - National Semiconductor (TI) DP83953 Datasheet HTML 6Page - National Semiconductor (TI) DP83953 Datasheet HTML 7Page - National Semiconductor (TI) DP83953 Datasheet HTML 8Page - National Semiconductor (TI) DP83953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
© 1998 National Semiconductor Corporation
www.national.com
PRELIMINARY
March 1998
DP83953 (RIC2A)
Repeater Interface Controller with Security Features,
Internal Drivers and Integrated Filters
General Description
The DP83953 Repeater Interface Controller with Security
Features and Integrated Transmit Filters (RIC2A) is an en-
hanced version of the DP83952 Repeater Interface Control-
ler with Security Features (RIC II). The RIC2A integrates
driver and filter circuitry into the RIC II design.
The functionality of the RIC2A is essentially similar to the
RIC II, but the pin definitions have been modified to reflect
the added integrated drivers and filters. Additionally, the
power and ground pin locations have been rearranged.
Therefore, the RIC2A is not a drop in replacement for the
RIC ll.
The RIC2A is National Semiconductor’s managed repeater
solution designed to comply with IEEE 802.3 Repeater
Specifications. Segment partition and jabber lockup protec-
tion state machines are implemented in accordance with
this standard. The RIC2A has thirteen network interface
ports available, including an AUI compatible port. The AUI
port incorporates drivers to connect an external MAU using
maximum length cable. Similarly, the other twelve interface
ports integrate 10BASE-T transceivers with supporting driv-
er and transmit filter circuitry. (continued)
Features
T Fully compliant with the IEEE 802.3 Repeater Specifica-
tion
T 12 IEEE 802.3 10BASE-T compatible ports with built-in
drivers and analog transmit filters; additional external
isolation transformers are required to implement hubs
FAST® and TRI-STATE® are registered trademarks of National Semiconductor Corporation.
100RIC™ is a trademark of National Semiconductor Corporation
SONIC™ is a trademark of National Semiconductor Corporation
Ethernet is a trademark of Xerox Corporation
GAL
® is a registered trademark of Lattice Semiconductor
PAL
® is a registered trademark of and license from Advanced Micro Devices, Inc.
T 1 IEEE 802.3 compatible AUI port
T Cascadable for larger hub applications
T On chip Elasticity Buffer, Manchester encoder and de-
coder
T Separate Partition state machines for each port
T Compatible with 802.3k Hub Management require-
ments
T LED displays to provide port status information, includ-
ing receive, collision, partition, jabber and link status,
T Power-up configuration options
T Repeater and Partition Specifications, Status Display,
Processor Operations
T Simple processor interface for repeater management
and port disable.
T On-chip Event Counters and Event Flag Arrays
T Serial Management Bus Interface to combine packet
and repeater status information
T Single 5V supply
The Security Features
T Prevents unauthorized eavesdropping and/or intrusion
on a per port basis
T 58 On Chip CAMs (Content Addressable Memory) al-
low storage of acceptable addresses
T Learn mode automatically records addresses of at-
tached node
System Diagram


Similar Part No. - DP83953

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
DP83950BNU NSC-DP83950BNU Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
DP83950BVQB NSC-DP83950BVQB Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
DP83950BVQB NSC-DP83950BVQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
DP83950BVQB-MPC NSC-DP83950BVQB-MPC Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
More results

Similar Description - DP83953

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
logo
Fairchild Semiconductor
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
Dual Channel Video Drivers with Integrated Filters
logo
National Semiconductor ...
DP83952 NSC-DP83952 Datasheet
832Kb / 90P
Repeater Interface Controller with Security Features (RIC II)
DP83955A NSC-DP83955A Datasheet
655Kb / 54P
LitE Repeater Interface Controller
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
logo
Fairchild Semiconductor
FMS6410 FAIRCHILD-FMS6410_04 Datasheet
110Kb / 9P
Dual Channel Video Drivers with Integrated Filters
logo
Intersil Corporation
ISL6322G INTERSIL-ISL6322G Datasheet
638Kb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping
May 22, 2008
logo
Micrel Semiconductor
KSZ9692PB MICREL-KSZ9692PB Datasheet
62Kb / 2P
Integrated Gigabit-Networking and Communications Controller with IP Security Engine
logo
ON Semiconductor
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
logo
Renesas Technology Corp
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com