Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83953 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP83953 Datasheet HTML 1Page - National Semiconductor (TI) DP83953 Datasheet HTML 2Page - National Semiconductor (TI) DP83953 Datasheet HTML 3Page - National Semiconductor (TI) DP83953 Datasheet HTML 4Page - National Semiconductor (TI) DP83953 Datasheet HTML 5Page - National Semiconductor (TI) DP83953 Datasheet HTML 6Page - National Semiconductor (TI) DP83953 Datasheet HTML 7Page - National Semiconductor (TI) DP83953 Datasheet HTML 8Page - National Semiconductor (TI) DP83953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
2
www.national.com
General Description (continued)
The RIC2A repeater consists of two major functional
blocks: The segment specific block and the shared func-
tional blocks. The segment specific block incorporates rele-
vant IEEE specifications on a per port basis. The shared
functional blocks incorporate core logic for the entire IEEE
repeater unit. The core logic blocks consist of a repeater
receive multiplexor, a phase locked loop (PLL), a Manches-
ter decoder, an elasticity buffer, a transmit encoder and a
demultiplexor.
A larger repeater system may be constructed by cascading
several RIC2A devices via the Inter-RIC bus. This method
of cascading allows the RIC2A system to function as a sin-
gle repeater unit without introducing additional repeater
hops.
The RIC2A is configurable for specific applications. It pro-
vides port status information for LED array displays and a
simple interface for system processors. The RIC2A pos-
sesses multifunctional counters and status flag arrays to
facilitate network statistics gathering, as well as a serial
Hub Management Interface Bus for collecting, event data in
managed hub applications.
Table of Contents
1.0
Connection Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2.0
Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3.0
Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4.0
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . 12
4.1
Summary of DP83953 RIC2A Feature
Enhancements from DP83952 RIC II . . . . . . . . . 12
4.2
Overview Of RIC2A Functions . . . . . . . . . . . . . . . 12
4.3
Description Of Repeater Operations . . . . . . . . . . 14
4.4
Examples Of Packet Repetition
Scenarios . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
4.5
Description Of Hardware Connection For Inter-ric
Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
4.6
Processor and Display Interface . . . . . . . . . . . . . 28
4.7
Description Of Hardware Connection For Processor
And Display Interface . . . . . . . . . . . . . . . . . . . . . . 30
5.0
HUB Management Support . . . . . . . . . . . . . . . . . . . . . 35
5.1
Event Counting Function . . . . . . . . . . . . . . . . . . 35
5.2
Event Record Function . . . . . . . . . . . . . . . . . . . . 36
5.3
Management Interface Operation . . . . . . . . . . . . 37
5.4
Description of Hardware Connection for
Management Interface . . . . . . . . . . . . . . . . . . . . 43
6.0
Port Block Functions . . . . . . . . . . . . . . . . . . . . . . . . . 44
6.1
Transceiver Functions . . . . . . . . . . . . . . . . . . . . 44
6.2
Segment Partition . . . . . . . . . . . . . . . . . . . . . . . . 47
6.3
Port Status Register Functions . . . . . . . . . . . . . . 47
6.4
Local Ports and Expected Activity . . . . . . . . . . . 49
7.0
RIC2A Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
8.0
Board Layout Recommendations . . . . . . . . . . . . . . . 75
9.0
DC and AC Specification . . . . . . . . . . . . . . . . . . . . . . 77
10.0
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com