Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83953 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 9Page - National Semiconductor (TI) DP83953 Datasheet HTML 10Page - National Semiconductor (TI) DP83953 Datasheet HTML 11Page - National Semiconductor (TI) DP83953 Datasheet HTML 12Page - National Semiconductor (TI) DP83953 Datasheet HTML 13Page - National Semiconductor (TI) DP83953 Datasheet HTML 14Page - National Semiconductor (TI) DP83953 Datasheet HTML 15Page - National Semiconductor (TI) DP83953 Datasheet HTML 16Page - National Semiconductor (TI) DP83953 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
4.0 Functional Description (Continued)
13
www.national.com
the case of a source address mismatch, the RIC2A will
immediately switch to a random bit pattern on both the
local transmitting ports and the IRB.
The main state machine operates in conjunction with a
series of counter timers. These timers will ensure that all
associated IEEE specification times (referred to as the
TW1 to TW6 times) are met.
An IEEE repeater system must meet the same signal jitter
performance as any other receiving node attached to a net-
work
segment.
Consequently,
a
phase
locked
loop
Manchester decoder is required so that the packet may be
decoded, and the jitter accumulated over the receiving seg-
ment recovered. The decode logic outputs data in non
return to zero (NRZ) format with an associated clock and
enable. This format allows the packet to be conveniently
transferred to other attached devices, such as network con-
trollers and other repeaters through the Inter-RIC bus
(IRB). The data may then be re-encoded into Manchester
data and transmitted.
During reception and/or transmission through the physical
layer transceivers a loss of bits in the preamble field of a
packet may occur. This loss must be replaced according to
the IEEE repeater specification. To accomplish this, an
elasticity buffer is employed to restore a full length pream-
ble upon transmission.
The Sequence of Operation
Soon after the network segment receiving a packet has
been identified, the RIC2A will transmit the preamble pat-
tern (1010...) to all other network segments. While the pre-
amble is being transmitted, the elasticity buffer will monitor
the decoded received clock and data signals via the Inter-
RIC bus (IRB). When the start of frame delimiter (SFD) is
detected, the received data stream will be written into the
elasticity buffer. The removal of stored data from the elas-
ticity buffer for re-transmission is not allowed until a valid
length preamble pattern has been transmitted.
Internal CAMs
To implement the security features, the RIC2A uses two
sets of Content Addressable Memory (CAMs) for address
comparison: port CAMs, and shared CAMs.
Port CAMs
The RIC2A provides two CAM locations (48 bits wide) per
port for comparison. The two CAM locations contain source
address(es) for incoming packets on their respective ports.
The addresses can be stored (CPU access) or learned
(Learn Mode). While in learning mode, LME=1, external
processor access is not advised or allowed, since the con-
tents of the two CAM registers may not be valid. Once the
addresses are learned, they are used to make compari-
sons between the source and destination addresses. An
address can only be learned when a packet has been
received with a valid CRC. External processor/logic access
to these registers is fine while learning is not in progress,
LME=0 in the port security configuration register.
Shared CAMs
The RIC2A provides thirty-two shareable CAM locations
(48 bits wide) to store Ethernet addresses associated with
the ports. The Ethernet addresses are stored by writing to
these CAM locations where the addresses could be shared
among the thirteen ports. By using shared CAMs, multiple
Ethernet addresses can be associated with a single port,
or multiple ports can be allocated to a single Ethernet
address. After the destination address of the received
packet is completely buffered, the RIC2A will compare this
address with the stored addresses in the CAM locations.
The source address is compared in a similar fashion.
These shared CAM locations are user defined only, and will
not be filled in learning mode.
A CAM entry could be shared among the thirteen local
ports. This is done through a 16-bit CAM Location Mask
Register (CLMR). For each CAM entry there is only one
CLMR, therefore there are 32 registers for the 32 CAM
entries.
Since register access is performed on a byte basis, six
write cycles must be completed to program the Ethernet
address into the CAM. The upper three bits of the CAM
Location Mask Register (CLMR) act as a pointer indicating
which byte of the 6-byte address will be accessed next.
This pointer will increment every time a read or write cycle
is completed to the CAM entry. The pointer starts at 1, indi-
cating the least significant byte of the address.
Four additional registers are provided to validate the 32
shared CAM entries and are referred to as the Shared
CAM Validation Registers 1-4 (SCVR 1-4, Page 9H,
Address 16-19H). Each bit of the SCVR is mapped to one
CAM location. An address in the CAM location will only be
valid when a corresponding bit Address Valid (ADV bit) has
been set in this register. The RIC2A will include only valid
CAM locations for address comparison.
The contents of all CAM locations are unknown at power
up. This is not a problem since corresponding Address
Valid (ADV) bits are not set for each CAM. Therefore, com-
parisons will not take place with the CAM contents.
Inter-RIC Bus (IRB) Interface
A RIC2A based repeater system may be constructed to
support many more network attachments than those avail-
able through a single chip. The split functions described
earlier, allow data packets and collision status to be trans-
ferred between multiple RIC2As while allowing the system
to function as a single logical repeater. Since all RIC2As in
a multiple RIC2A system are identical and capable of per-
forming all repetition functions, the failure of one RIC2A will
not cause a failure of the entire system. This is an impor-
tant issue, especially with respect to large multi-port
repeaters.
In a multi-RIC2A system, the RIC2As can communicate
through a specialized interface known as the Inter-RIC
bus(IRB). This bus allows the data packet to be transferred
from the receiving RIC2A to other RIC2As in the system.
Each RIC2A then transmits the datastream to its seg-
ments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com