Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83953 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 79Page - National Semiconductor (TI) DP83953 Datasheet HTML 80Page - National Semiconductor (TI) DP83953 Datasheet HTML 81Page - National Semiconductor (TI) DP83953 Datasheet HTML 82Page - National Semiconductor (TI) DP83953 Datasheet HTML 83Page - National Semiconductor (TI) DP83953 Datasheet HTML 84Page - National Semiconductor (TI) DP83953 Datasheet HTML 85Page - National Semiconductor (TI) DP83953 Datasheet HTML 86Page - National Semiconductor (TI) DP83953 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
83
www.national.com
9.0 DC and AC Specification (Continued)
Inter RIC Bus Output Timing
Number
Symbol
Parameter
Min
Max
Units
T101
ircoh
IRC output high time
45
55
ns
T102
ircol
IRC output low time
45
55
ns
T103
ircoc
IRC output cycle time
90
110
ns
T104
actndapkena
ACTNd active to PKEN active
555
ns
T105
actndairea
ACTNd active to IRE active
560
ns
T106
ireairca
IRE output active to IRC active
1.8
µs
T107
irdov
IRD output valid from IRC
10
ns
T108
irdos
IRD output stable valid time
90
ns
T109
ircohirei
IRC output high to IRE inactive
30
70
ns
T110
ircclks
number of IRCs after IRE inactive
5
clks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com