Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83953 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 13Page - National Semiconductor (TI) DP83953 Datasheet HTML 14Page - National Semiconductor (TI) DP83953 Datasheet HTML 15Page - National Semiconductor (TI) DP83953 Datasheet HTML 16Page - National Semiconductor (TI) DP83953 Datasheet HTML 17Page - National Semiconductor (TI) DP83953 Datasheet HTML 18Page - National Semiconductor (TI) DP83953 Datasheet HTML 19Page - National Semiconductor (TI) DP83953 Datasheet HTML 20Page - National Semiconductor (TI) DP83953 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
4.0 Functional Description (Continued)
17
www.national.com
The Port State Machine (PSM)
The two primary functions of the PSM are to:
1. Control the transmission of repeated data, pseudo ran-
dom data, and jam signals over the attached segments.
2. Determine if a port will be the source of data or collision
information to be repeated over the network. This repeat-
er port is known as
PORT N. An arbitration process is re-
quired to enable the repeater to transition from an
IDLE
state to the
SEND PREAMBLE PATTERN or RECEIVE
COLLISION states. (See Figure 4) This process is used
to locate the port that will be
PORT N for that particular
packet.The data received from
PORT N is directed to the
PLL decoder and transmitted over the Inter-RIC bus. If a
collision occurs, the repeater enters the
TRANSMIT
COLLISION state. Then a subsequent arbitration opera-
tion is performed in order to determine which port is
PORT M. PORT M is differentiated from the repeater’s
other ports if the repeater enters the
ONE PORT LEFT
state. In this state
PORT M does not transmit to its seg-
ment. At that time, all other ports are still required to
transmit to their segments.
The Main State Machine (MSM)
The MSM controls the operation of the shared functional
blocks in each RIC2A as shown in the block diagram,
Figure 1, and performs the majority of the data and colli-
sion operations as defined by the IEEE specification.
The interaction of the main and port state machines is visi-
ble, in part, through the Inter-RIC bus.
Inter-RIC Bus (IRB) Operation
Overview
The IRB consists of eight signals. These signals implement
a protocol that may be used to connect multiple RIC2As
together. In this configuration, the logical function of a sin-
gle repeater is maintained. The resulting multi- RIC2A
repeater system is compliant with the IEEE 802.3 Repeater
Specification and may even encompass several hundred
network segments. Figure 5 shows an example of a multi-
port RIC2A system.
Function
Action
Preamble
Regeneration
Restore the length of the preamble pat-
tern to the defined size.
Fragment
Extension
Extend received data or collision frag-
ments to meet the minimum fragment
length of 96 bits.
Elasticity Buffer
Control
A portion of the received packet may re-
quire storage in an Elasticity Buffer to
accommodate preamble regeneration.
Jam / Preamble
Pattern Genera-
tion
In cases of receive or transmit colli-
sions, a RIC2A is required to transmit a
jam pattern (1010...).
Note: This pattern is the same as that used for pre-
amble regeneration.
Transmit
Collision
Enforcement
The
TRANSMIT COLLISION state re-
quires a repeater to remain in this state
for at least 96 bit times.
Data Encoding
Control
NRZ formatted data in the elasticity
buffer must be encoded into Manches-
ter formatted data prior to re-transmis-
sion.
Tw1
Enforcement
Enforce the Transmit Recovery Time
specification.
Tw2
Enforcement
Enforce Carrier Recovery Time specifi-
cation on all ports with active collisions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com