Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3549 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 2 Page - Texas Instruments

  LM3549 Datasheet HTML 1Page - Texas Instruments LM3549 Datasheet HTML 2Page - Texas Instruments LM3549 Datasheet HTML 3Page - Texas Instruments LM3549 Datasheet HTML 4Page - Texas Instruments LM3549 Datasheet HTML 5Page - Texas Instruments LM3549 Datasheet HTML 6Page - Texas Instruments LM3549 Datasheet HTML 7Page - Texas Instruments LM3549 Datasheet HTML 8Page - Texas Instruments LM3549 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
BOTTOM VIEW
TOP VIEW
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Figure 2. 24–Pin WQFN Package, No Pullback
See package number RTW0024A
Pin Descriptions
Name
Pin No.
Type
Description
NC
1
L1
2
A
Inductor positive terminal 1
L1
3
A
Inductor positive terminal 2
GND_SW
4
G
SMPS ground
L2
5
A
Inductor negative terminal 1
L2
6
A
Inductor negative terminal 2
VOUT
7
A
Buck boost output terminal 1
NC
8
VOUT
9
A
Buck boost output terminal 2
R_EN
10
DI
Red output enable
VDDS
11
P
Supply voltage
G_EN
12
DI
Green output enable
B_EN
13
DI
Blue output enable
PWM
14
DI
Master fader input
GND
15
G
Ground
R_OUT
16
A
R output
G_OUT
17
A
G output
B_OUT
18
A
B output
FAULT
19
DO
Fault detection interrupts output. Active LOW open drain output.
SDA
20
DI/O
I2C Data
SCL
21
DI
I2C Clock
EN
22
DI
Enable and IO reference level
VDDP
23
P
SMPS supply voltage
NC
24
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com