Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3549 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 1 Page - Texas Instruments

  LM3549 Datasheet HTML 1Page - Texas Instruments LM3549 Datasheet HTML 2Page - Texas Instruments LM3549 Datasheet HTML 3Page - Texas Instruments LM3549 Datasheet HTML 4Page - Texas Instruments LM3549 Datasheet HTML 5Page - Texas Instruments LM3549 Datasheet HTML 6Page - Texas Instruments LM3549 Datasheet HTML 7Page - Texas Instruments LM3549 Datasheet HTML 8Page - Texas Instruments LM3549 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM3549
CONTROL
LOGIC
R_OUT
G_OUT
B_OUT
R_EN
G_EN
B_EN
SDA
EN
SCL
VDD
GND
VIN
2.7V to 5.5V
L1
L2
RED LED
GREEN LED
BLUE LED
CIN
10 PF
COUT
4.7 PF
L1 2.2 PH
VOUT
PWM
FAULT
LM3549
www.ti.com
SNVS640A – AUGUST 2010 – REVISED MAY 2013
LM3549 High Power Sequential LED Driver
Check for Samples: LM3549
1
FEATURES
DESCRIPTION
The LM3549 is a high power LED driver with up to
2
•
Over-Current Protection
700mA output current. It has three constant current
•
Over-Temperature Protection
LED drivers and a buck boost SMPS for driving RGB
•
I2C Compatible Interface
LEDs with high efficiency. LED drivers are designed
for sequential drive so only one driver can be enabled
•
Under-Voltage Lockout
at a time.
•
LED Open and Short Protection and Detection
LED driver output current settings can be stored to
•
95% Peak Efficiency Buck-Boost Converter
integrated non-volatile memory which allows stand-
•
NVM Memory for Calibration Data and
alone operation without I2C interface. Non-volatile
Standalone Usage without I2C Control
memory is rewritable so current setting can be
•
Soft Start
changed if needed.
The LM3549 has a fault detection feature that can
APPLICATIONS
detect several different fault conditions. In case of a
fault error flags are set and FAULT output sends
•
Portable Video Projectors
interrupt to control logic. Error flags can be read
•
High Power LED Driving
through I2C interface.
Total brightness can be controlled with PWM input or
KEY SPECIFICATIONS
with master fader register if I2C interface is used.
•
Integrated buck-boost Converter
•
Programmable LED Drivers
•
700 mA Maximum Drive Current
•
±6% Current Accuracy Over Temperature
•
24-pin WQFN Package
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3549

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3549 NSC-LM3549 Datasheet
2Mb / 8P
Evaluation Kit high power LED driver with up to 700mA
More results

Similar Description - LM3549

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
High Power LED Driver
December 17, 2007
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Agamem Microelectronic ...
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
HIGH POWER LED DRIVER
logo
Supertex, Inc
CL8800K63-G SUTEX-CL8800K63-G Datasheet
745Kb / 7P
Sequential Linear LED Driver
logo
Texas Instruments
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Microchip Technology
CL8800 MICROCHIP-CL8800 Datasheet
890Kb / 14P
Sequential Linear LED Driver
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com