Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3549 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 4 Page - Texas Instruments

  LM3549 Datasheet HTML 1Page - Texas Instruments LM3549 Datasheet HTML 2Page - Texas Instruments LM3549 Datasheet HTML 3Page - Texas Instruments LM3549 Datasheet HTML 4Page - Texas Instruments LM3549 Datasheet HTML 5Page - Texas Instruments LM3549 Datasheet HTML 6Page - Texas Instruments LM3549 Datasheet HTML 7Page - Texas Instruments LM3549 Datasheet HTML 8Page - Texas Instruments LM3549 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2) (continued)
Limits in standard type face are for TA = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to Figure 1 with: VIN = 3.6V, CIN = 10 µF, COUT =
4.7µF and L1 = 2.2 µH.
(3)
Parameter
Test Conditions
Min
Typ
Max
Units
Drivers (R_OUT, G_OUT, B_OUT)
IOUT MIN
Minimum output current
97
107
118
mA
IOUT MAX
Maximum output current
690
705
720
mA
ILIM
Current limit
15
%
ROUT
Driver on resistance
IOUT = 500 mA
0.2
Ω
Driver System Characteristics
IOUT
Current accuracy
After settling, 500 mA (ISET = 276h)
−6
±1
+6
%
tr
Current rise time
50
µs
tf
Current fall time
50
µs
ISTEP
Current step
0.64
mA
Buck or Boost Converter
Positive current limit range
Programmable
500
2000
mA
Positive current limit accuracy
Set to 1000 mA
-20
+20
%
Negative current limit range
Programmable
550
2200
mA
Negative current limit
Set to 550 mA
-20
+20
%
accuracy
VOUT MAX
Maximum output voltage
4.6
V
fSW
Switching frequency
2.25
2.4
2.55
MHz
rDSON P1S
P1 on resistance in buck
100
m
Ω
mode (small)
rDSON P1L
P1 on resistance in boost
55
m
Ω
mode (large)
rDSON N1
N1 on resistance
160
m
Ω
rDSON N3
N3 on resistance in buck
VOUT = 0.8V
70
m
Ω
mode
rDSON P2
P2 on resistance in boost
VOUT = 3.6V
65
m
Ω
mode
rDSON N2
N2 on resistance
150
m
Ω
PWM Input (Global brightness control)
fPWM
PWM frequency
7-bit resolution
4
20
kHz
8-bit resolution
4
10
9-bit resolution
4
5
tTO
Timeout
For PWM zero
260
300
340
µs
tON
Minimum on time
1
µs
tOFF
Minimum off time
1
µs
Logic Input EN
VIL
Logic input low level
0.5
V
VIH
Logic input high level
1.2
V
Logic Inputs SDA, SCL, R_EN, G_EN, B_EN, PWM
VIL
Logic input low level
VEN = 1.65 to VDD
0.2* VEN
V
VIH
Logic input high level
VEN = 1.65 to VDD
0.8* VEN
V
Logic Outputs SDA, FAULT
VOL
Output low level
IOUT = 3 mA
0.5
V
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com