Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3549 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 2Page - Texas Instruments LM3549 Datasheet HTML 3Page - Texas Instruments LM3549 Datasheet HTML 4Page - Texas Instruments LM3549 Datasheet HTML 5Page - Texas Instruments LM3549 Datasheet HTML 6Page - Texas Instruments LM3549 Datasheet HTML 7Page - Texas Instruments LM3549 Datasheet HTML 8Page - Texas Instruments LM3549 Datasheet HTML 9Page - Texas Instruments LM3549 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
STANDBY
SHUTDOWN
BOOST STARTUP
NORMAL MODE
STARTUP
1) TSD = L
TSD = H
or
UVLO = H
EN = H
X_EN = H
1
EN = L
TIME OUT
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Modes of Operation
Figure 4. Modes of Operation
SHUTDOWN: Shutdown mode is entered always if EN is low or internal Power On Reset (POR) is active. Power
on reset will activate during the chip startup or when the supply voltage VDD falls below 1.5V. This is the
low power consumption mode, when all circuit functions are disabled.
STARTUP: When EN input is pulled high, the internal startup sequence powers up all the needed internal blocks
(VREF, Oscillator, etc.). EEPROM values are also read to registers during Startup.
STANDBY: After Startup device enters Standby mode. In standby mode all support blocks are active but buck-
boost converter and the drivers are disabled. Control registers can be written in this mode and the control
bits are effective immediately. EEPROM writing is allowed only in standby mode.
BOOST STARTUP: Soft start for boost output is generated in the boost startup mode. The boost output is raised
in a low current mode. Soft start time can be set with registers. The boost startup is entered from Standby
if any of the X_EN inputs is pulled high.
NORMAL: During normal mode user controls the chip using the X_EN inputs. In normal mode buck-boost
converter and drivers are active. Device returns to standby mode if all X_EN inputs are low for time period
set by Time out register. If EN input is pulled low device goes to shutdown mode.
TSD: If the chip temperature rises too high, the thermal shutdown (TSD) disables the chip operation and
Standby mode is entered until no thermal shutdown event is present.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com