Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3549 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 8Page - Texas Instruments LM3549 Datasheet HTML 9Page - Texas Instruments LM3549 Datasheet HTML 10Page - Texas Instruments LM3549 Datasheet HTML 11Page - Texas Instruments LM3549 Datasheet HTML 12Page - Texas Instruments LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments LM3549 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
VIN
VOUT
VDx
Driver
current limit
Buck-boost
converter
GREEN
RED
R_EN
G_EN
B_EN
BLUE
GREEN
RED
GREEN
RED
BLUE
GREEN
RED
PWM
100%
80%
BRIGHTNESS
100%
0%
t > Timeout
t < Timeout
100%
80%
100%
MINIMUM
60 Hz
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Figure 18. PWM Timing
FAULT DETECTION
LM3549 can detect several different fault conditions. These are LED open, LED short, thermal shutdown (TSD),
under voltage lockout (UVLO) and buck-boost converter over current protection (OCP). If any of the fault
conditions occur corresponding fault bit is set in the fault register. If fault mask bit is not set also Fault output is
pulled low. Reading Fault register resets its value to zero and sets Fault output to high impedance state.
LED OPEN FAULT
Open fault is generated when at the end of color VOUT is at maximum and no current is flowing through driver
(VDx = 0V). Also OCP fault needs to be low. Open fault can be generated by broken LED or a soldering defect.
Figure 19. LED Open Fault
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com