Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3549 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 7Page - Texas Instruments LM3549 Datasheet HTML 8Page - Texas Instruments LM3549 Datasheet HTML 9Page - Texas Instruments LM3549 Datasheet HTML 10Page - Texas Instruments LM3549 Datasheet HTML 11Page - Texas Instruments LM3549 Datasheet HTML 12Page - Texas Instruments LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM3549
www.ti.com
SNVS640A – AUGUST 2010 – REVISED MAY 2013
BRIGHTNESS CONTROL
Output current of all drivers can be adjusted using PWM input or FADER register. This can be used to easilly
adjust the total brightness of the LEDs. Brightness control function can be enabled from the CTRL register as
seen in table below. In case of PWM input brightness control (BRC) is the positive duty cycle of the input signal.
In case of FADER register brightness is MASTER FADER[7:0]/255.
MFE
PWM
Brightness Control
0
0
No brightness control
0
1
PWM input
1
0
FADER register
1
1
PWM input
The maximum currents of the drivers are set in the current setting registers. Brightness control keeps the ratio of
the driver currents constant and adjusts the output currents based on the highest current setting. Driver currents
can be adjusted between 100 mA to the maximum current set in the registers (see figures PWM Output Current
Control and Master Fader Register Current Control in Typical Performance Characteristics).
ISET1 =highest current setting
ISET2 =current setting 2
ISET3 =current setting 3
R1
=(ISET2/ISET1), ratio of current 2 and the highest current
R2
=(ISET3/ISET1), ratio of current 3 and the highest current
BRC =brightness control
I1 = ISET1 x BRC)
I2 = I1 x R1
I3 = I1x R2
PWM TIMING
Figure 18 shows example of PWM brightness control. PWM input can be change at any given time but control
takes effect when next enable is pulled high. To ensure that control takes effect for the next color time from PWM
change to next enable needs to be greater than timeout time (300 µs typical).
At the beginning of the example frame PWM input is changed from 100% to 80% while green driver is enabled.
Brightness level is not changed in the middle of the green frame but at the beginning of the next color which in
this example is blue. During next green PWM is set back to 100%. This is done at least 300 µs before next
enable is pulled high and control takes effect then. During next green PWM is changed to 0%. Time from PWM
change to next enable (blue) is less than 300 µs and control don’t take effect when blue starts but one color later,
what in this example is red.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com