Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3549 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 9Page - Texas Instruments LM3549 Datasheet HTML 10Page - Texas Instruments LM3549 Datasheet HTML 11Page - Texas Instruments LM3549 Datasheet HTML 12Page - Texas Instruments LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments LM3549 Datasheet HTML 16Page - Texas Instruments LM3549 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
VIN
VOUT
VDx
Driver
current limit
Buck-boost
converter
LM3549
www.ti.com
SNVS640A – AUGUST 2010 – REVISED MAY 2013
LED SHORT FAULT
Short fault is detected when VOUT < 1.0V at the end of a color. Short fault is generated when VOUT is shorted
to driver by soldering defect or faulty LED. Driver current limit limits the maximum current. Depending on output
current and positive limit settings, LED short can also generate OCP fault to fault register.
Figure 20. LED Short Fault
TSD FAULT
Thermal shutdown (TSD) fault is generated if junction temperature rises above TSD level. TSD engages at TJ=
150°C (typ) and disengages at TJ = 140°C (typ). TSD sets device to standby mode. Occasionally a false TSD
fault is generated to Fault register when device goes from shutdown mode to standby mode. It is good practice to
reset the fault register by reading it every time after device is set from shutdown mode to standby mode.
UVLO FAULT
Under voltage lock out (UVLO) fault is generated if VIN drops below UVLO level (~2.5V). UVLO sets device to
standby mode. When VIN rises back above the 2.5V device exits UVLO. If control register values were changed
from EEPROM defaults they need to be rewritten to registers because UVLO condition can generate EEPROM
read sequence.
OVER CURRENT PROTECTION FAULT
Over current protection (OCP) fault is generated when positive current limit is active at the end of a color. It is
important to notice that OCP fault is not always set when positive current limit is activated. Positive current limit
can activate during normal operation when buck-boost is adjusting the output voltage to a higher level. OCP can
be caused by short from VOUT to GND, short from driver to GND or if too low positive current limit value is set
for desired output current.
I
2C Compatible Interface
I2C ADDRESS
LM3549 I2C address is 36 hex (7 bits).
I2C SIGNALS
The SCL pin is used for the I2C clock and the SDA pin is used for bidirectional data transfer. Both these signals
need a pull-up resistor according to I2C specification. The values of the pull-up resistors are determined by the
capacitance of the bus (typ. ~1.8k). Signal timing specifications are shown in Table 1.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com