Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8464B Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8464B Datasheet HTML 1Page - National Semiconductor (TI) DP8464B Datasheet HTML 2Page - National Semiconductor (TI) DP8464B Datasheet HTML 3Page - National Semiconductor (TI) DP8464B Datasheet HTML 4Page - National Semiconductor (TI) DP8464B Datasheet HTML 5Page - National Semiconductor (TI) DP8464B Datasheet HTML 6Page - National Semiconductor (TI) DP8464B Datasheet HTML 7Page - National Semiconductor (TI) DP8464B Datasheet HTML 8Page - National Semiconductor (TI) DP8464B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pulse Pairing Set Up
Transformer (T1) is
Tektronix CT-2 current
probe or equivalent
TLF5283 – 3
DP8464B
f e 25 MHz
VIN e 40 mVpp differential
VREF e 050V
CD e 50 pF
RD e 430X
Filter
R1 e 240X
R2 e 680X
C1 e 15 pF
C2 e 100 pF
L1 e 47 mH
This is a 3 pole Bessel with the corner frequency at 75
MHz
TLF5283 – 4
Pulse Pairing Measurement
Connect a scope probe to pin 14 (Encoded Data Out) and
trigger off its positive edge Adjust the trigger holdoff so the
scope first triggers off the pulse associated with the positive
peak and then off the pulse associated with the negative
peak (as shown in the scope photo below) Pulse pairing is
displayed on the second pair of pulses on the display If the
second pulses are separated by 4 ns then the pulse pairing
for this part is g2 ns
Circuit Operation
The output from the readwrite amplifier is AC coupled to
the Amp Input of the DP8464B The amplifier’s output volt-
age is fed back via an external filter to an internal fullwave
rectifier and compared against the external voltage on the
VREF pin The AGC circuit adjusts the gain of the amplifier
to make the peak to peak differential voltage on the Gate
Channel Input four times the DC voltage on VREF Typically
the signal on Amp Out will be set for 4 Vpp differential
Since the filter usually hasa6dB loss the signal on the
Gate Channel Input will be 2 Vpp differential The user
should therefore set 05V on VREF which can be done with a
simple voltage divider from the a12V supply
The peak detection is performed by feeding the output of
the Amplifier through an external filter to the differentiator
The differentiator output changes state when the input pulse
changes direction generally this will be at the peaks How-
ever if the signal exhibits shouldering (the tendency to re-
turn to the baseline) the differentiator will also respond to
noise near the baseline To avoid this problem the signal is
also fed to a gating channel which is used to define a level
either side of the baseline This gating channel is comprised
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com