Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8464B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8464B Datasheet HTML 1Page - National Semiconductor (TI) DP8464B Datasheet HTML 2Page - National Semiconductor (TI) DP8464B Datasheet HTML 3Page - National Semiconductor (TI) DP8464B Datasheet HTML 4Page - National Semiconductor (TI) DP8464B Datasheet HTML 5Page - National Semiconductor (TI) DP8464B Datasheet HTML 6Page - National Semiconductor (TI) DP8464B Datasheet HTML 7Page - National Semiconductor (TI) DP8464B Datasheet HTML 8Page - National Semiconductor (TI) DP8464B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Pins
Limit
Supply Voltage
9
14V
TTL Input Voltage
1113
55V
TTL Output Voltage
121415
55V
Input Voltage
34
55V
Minimum Input Voltage
34
b
05V
Differential Input
6-7 21-22
3V or b3V
Voltage
2-23
ESD Susceptibility (see Note 5)
Storage Temperature
b
65 Cto a150 C
Lead Temp (Soldering 10 seconds)
300 C
Maximum Power Dissipation at 25 C
Molded DIP Package
(derate 156 mW C above 25 C)
1950 mW
Plastic Chip Carrier Package
(derate 125 mW C above 25 C)
1560 mW
Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
108
120
132
V
TA
Ambient Temperature
0
70
C
DC Electrical Characteristics Over Recommended Operating Temperature and Supply Range VREF e 05V
Set Hysteresis e 03V Read Write e 03V unless otherwise noted All Pin Numbers Refer to 24 Pin Dual-In-Line Package
Symbol
Pins
Parameter
Conditions
Min
Typ
Max
Units
AMPLIFIER
ZINAI
67
Amp In Impedance
TA e 25 C
075
10
125
kX
(Note 1)
AVMIN
1819
Min Voltage Gain
AC Output 4 Vpp
60
VV
Differential
AVMAX
1819
Max Voltage Gain
AC Output 4 Vpp
200
VV
Differential
VCAGC
16
Voltage on CAGC
AV e 60
45
55
V
AV e 200
28
37
V
GATE CHANNEL
ZINGCI
2122
Gate Channel Input
TA e 25 C
175
25
325
kX
Impedance
(Note 1)
ICAGCb
16
Pin 16 Current which
VPIN 16 e 39V
b
15
b
25
b
35
mA
Charges CAGC
lVPIN 21b
VPIN 22
l e 13 VDC
ICAGCa
16
Pin 16 Current which
VPIN 16 e 5V
1
5
m
A
Discharges CAGC
l VPIN 21b
VPIN 22
l e 07 VDC
IVREF
4VREF Input Bias
b
20
b
100
m
A
Current
VTHAGC
2221
AGC Threshold
(Note 2)
088
10
112
V
416
VPIN 16 e42V
ISH
3
Set Hysteresis Input
b
60
b
100
m
A
Bias Current
VTHSH
2221
Set Hysteresis
(Note 3)
048
06
072
V
315
Threshold
TIME CHANNEL
ZINTC
223
Time Channel Input
TA e 25 C
35
50
65
kX
Impedance
(Note 1)
ICd
24
Current into Pin 1 and
14
18
250
mA
24 that Discharges
Cd
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com