Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8464B Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP8464B Datasheet HTML 10Page - National Semiconductor (TI) DP8464B Datasheet HTML 11Page - National Semiconductor (TI) DP8464B Datasheet HTML 12Page - National Semiconductor (TI) DP8464B Datasheet HTML 13Page - National Semiconductor (TI) DP8464B Datasheet HTML 14Page - National Semiconductor (TI) DP8464B Datasheet HTML 15Page - National Semiconductor (TI) DP8464B Datasheet HTML 16Page - National Semiconductor (TI) DP8464B Datasheet HTML 17Page - National Semiconductor (TI) DP8464B Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Application Information (Continued)
TLF5283 – 17
FIGURE 12 Simplified Differentiator First Stage
across the external differentiator network (Cd in series with
Rd) is the differential input voltage V1 b V2 When Rd is
zero the current through Cd is I e C c (dVdt) or Cd c
(dVIN dt) The Q2 collector current is the sum of the 18 mA
current source plus the current through Cd or
18 mA a Cd c (dVIN dt)
Similarly the Q3 collector current is
18 mA b Cd c (dVIN dt)
Therefore the differentiator output voltage V5 b V6 is
15k c 2 c Cd c (dVIN dt)
The input is at a peak when V5 b V6 e 0V
The differentiator network (Cd and Rd) should be selected
so the maximum current into the differentiator network is not
greater than the minimum current of I1 and I2 over tempera-
ture In the electrical specifications the minimum current is
specified for 14 mA (ICd Current into Pin 1 and 24 that
discharges Cd) For example the highest analog frequency
in a 10 Megabitsec MFM signal is 5 MHz Since the AGC
loop has forced the input to the differentiator to 2 VPP
(which includes the 6 dB loss of the filter) then the voltage
across the capacitor (assuming Rd is 0) is
VIN e 1 c sin(2 c q c 5E6 c t)
and
dVIN dt e 1 c 2 c q c 5E6 c cos(2 c q c 5E6 c t)
and the maximum slope is
(dVIN dt)max e 1 c 2 c q c 5E6 e 314E5 Vsec
For this example Cd can now be calculated Since I e C c
(dVdt) then for I e 14 mA dVdt e 314E5 then the
maximum Cd must equal 45 pF From this example a follow-
ing simple design equation for the value of Cd can be de-
rived
Cd e 445(VIN c fmax)
where
Cd is the maximum external differentiator capacitor in pF
VIN is the peak to peak differential Time Channel input
voltage
fmax is the maximum analog frequency in MHz
Note that this is the maximum value for the capacitor when
the series resistor Rd is zero The value of the capacitor can
be increased if a series resistor is used but the maximum
current through the differentiator network must not exceed
14 mA If too large a value for Cd is used the delay through
the differentiator will become dependent on frequency This
will not show up in a single frequency test such as a test for
pulse pairing
For the MFM code the maximum analog frequency is
the
data rate For the
(27) code the maximum analog fre-
quency is
the data rate The above sinusoidal analysis is
valid as long as the highest frequency on the outer track is
nearly sinusoidal If however there is significant shoulder-
ing of this signal then the value of Cd should be reduced
accordingly
The following table summarizes the value of Cd to use for a
2Vpp differential signal to the time channel input
Data Rate
Code
Maximum Frequency
Cd
5 mbitssec
MFM
25 MHz
90 pF
5 mbitssec
27
16 MHz
140 pF
10 mbitssec
MFM
50 MHz
45 pF
10 mbitssec
27
33 MHz
67 pF
As noted above the value of the capacitor can be increased
if a series resistor is used but the maximum current through
the differentiator network must not exceed 14 mA For ex-
ample the components used in the Pulse Pairing Setup
(see AC Electrical Specifications) are for a typical 10 Mbits
sec MFM drive The combination of the Cd of 50 pF and the
Rd of 430X gives a combined impedance of 768X at the
highest frequency of 5 MHz This gives a maximum current
of 13 mAwell below the 14 mA limit
A resistor is placed in series with Cd in order to bandlimit the
differentiator response This resistor also has an effect on
the phase linearity of the differentiator An ideal differentia-
tor produces an output that is 90 degree phase shifted from
the input regardless of the input frequency The presence of
the series resistor produces an output phase shift that is
less than 90 degrees and changes with the input frequency
This resistor can be used to correct for frequency related
phase problems encountered elsewhere in the read path
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com