Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8464B Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8464B Datasheet HTML 3Page - National Semiconductor (TI) DP8464B Datasheet HTML 4Page - National Semiconductor (TI) DP8464B Datasheet HTML 5Page - National Semiconductor (TI) DP8464B Datasheet HTML 6Page - National Semiconductor (TI) DP8464B Datasheet HTML 7Page - National Semiconductor (TI) DP8464B Datasheet HTML 8Page - National Semiconductor (TI) DP8464B Datasheet HTML 9Page - National Semiconductor (TI) DP8464B Datasheet HTML 10Page - National Semiconductor (TI) DP8464B Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Application Information (Continued)
Region 1 is the high resolution area characterized by a large
spread between flux reversals and a definite return to base-
line (no signal) between these peaks Pulses of this type are
predominantly found in drives which use either thin film
heads or plated media or in drives which utilize run length
limited codes (like the 27 code) which spread the distance
between flux reversals
A Region 2 waveform will vary from a tendency to return to
the baseline (called shouldering) to almost sinusoidal at the
higher frequencies These pulses come from drives which
use limited frequency codes (such as MFM) The pulses
may contain shouldering on the outer tracks of the disk and
be nearly sinusoidal on the inner tracks since the flux densi-
ty increases towards the inner track
Detecting pulse peaks of waveforms of such variable char-
acteristics requires a means of separating both noise and
shouldering-caused errors from the true peaks In the past
mild shoulder-caused errors were blocked by self-gating cir-
cuits (such as the ‘‘de-snaker’’) These circuits fail when
shouldering is extensive hence the need for the DP8464B
which includes a peak sensing circuit and an amplitude sen-
sitive gating channel in parallel
The main circuit blocks of the DP8464B are shown in
Figure
2 The output from the readwrite amplifier is fed directly to
the Amp Input of the DP8464B This is the input of a Gain
Controlled Amplifier The amplifier’s output voltage is fed
back via an external filter to an internal fullwave rectifier and
compared against the external voltage on the VREF pin The
AGC circuit adjusts the gain of the amplifier to make the
peak-to-peak differential Gate Channel input voltage four
times the DC voltage on VREF
The peak detection is performed by feeding the output of
the Gain Controlled Amplifier through an external filter to
the differentiator The differentiator output changes state
when the input pulse changes direction generally this will
be at the peaks However if the signal exhibits shouldering
(the tendency to return to the baseline) as seen in Region 1
and the upper part of Region 2 the differentiator will also
respond to noise near the baseline To avoid this the signal
is also fed to a gating channel which is used to define a
level either side of the baseline This gating channel com-
prises a differential comparator with hysteresis and a D flip-
flop The hysteresis for this comparator is externally set via
the Set Hysteresis pin In order to have valid data out the
input amplitude must first cross the hysteresis level This will
change the logic level on the D input of the flip-flop The
peak of the input signal will generate a pulse out of the
differentiator and bi-directional one shot This pulse will
clock in the new data on the D input which will appear at
the Q output In this way when the differentiator is respond-
ing to noise at the baseline the output of the D flop is not
changing since the logic level into the D input has not yet
changed The comparator circuitry is therefore a gating
channel to prevent any noise near the baseline from con-
taminating the data
The amount of hysteresis is twice the DC voltage on the Set
Hysteresis pin For instance if the voltage on the Set Hys-
teresis pin is 03V the differential Gate Channel Input must
be larger than 06V (g03V) before the output of the com-
parator will change states The Time Pulse Out Encoded
Data and Channel Alignment Output are designed to drive 1
standard TTL gate
TLF5283 – 5
TLF5283 – 6
FIGURE 1 Pulse Amplitude vs Bit Density with Typical Waveforms
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com