Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8464B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8464B Datasheet HTML 1Page - National Semiconductor (TI) DP8464B Datasheet HTML 2Page - National Semiconductor (TI) DP8464B Datasheet HTML 3Page - National Semiconductor (TI) DP8464B Datasheet HTML 4Page - National Semiconductor (TI) DP8464B Datasheet HTML 5Page - National Semiconductor (TI) DP8464B Datasheet HTML 6Page - National Semiconductor (TI) DP8464B Datasheet HTML 7Page - National Semiconductor (TI) DP8464B Datasheet HTML 8Page - National Semiconductor (TI) DP8464B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLF5283
June 1989
DP8464B Disk Pulse Detector
General Description
The DP8464B Disk Pulse Detector utilizes analog and digital
circuitry to detect amplitude peaks of the signal received
from the readwrite amplifier fitted with the heads of disk
drives The DP8464B produces a TTL compatible output
which on the positive leading edge indicates a signal peak
Electrically these peaks correspond to flux reversals on the
magnetic medium The signal from the readwrite amplifier
when reading a disk is therefore a series of pulses with
alternating polarity The Disk Pulse Detector accurately rep-
licates the time position of these peaks
The DP8464B Disk Pulse Detector has three main sections
the Amplifier the time channel and the gate channel The
Amplifier section consists of a wide bandwidth amplifier a
full wave rectifier and Automatic Gain Control (AGC) The
time channel is made from the differentiator and its follow-
ing bi-directional one shot while the gate channel is made
from the differential comparator with hysteresis the D flip-
flop and its following bi-directional one shot
The Disk Pulse Detector is fabricated using an advanced
oxide isolated Schottky process and has been designed to
function with data rates up to 15 Megabitssecond The
DP8464B is available in either a 300 mil wide 24-pin dual-in-
line package or a surface mount 28-pin plastic chip carrier
package Normally it will be fitted in the disk drive and its
output may be directly connected to the DP8461 or the
DP8465 Data Separator
Features
Y
Wide input signal amplitude rangefrom 20 mVpp to
660 mVpp differential
Y
Data rates up to 15 Megabitssec 27 code
Y
On-chip differential gain controlled amplifier differentia-
tor
comparator gating circuitry
and output pulse
generator
Y
Input capacitively coupled directly from the disk head
readwrite amplifier
Y
Adjustable comparator hysteresis
Y
AGC and differentiator time constants set by external
components
Y
TTL compatible digital Inputs and Outputs
Y
Encoded Data Output may connect directly to the
DP8461 or DP8465 Data Separator
Y
Standard drive supply 12Vg10%
Y
Available in 300 mil wide 24-pin dual-in-line package a
surface mount 28-pin plastic chip carrier package or a
40-pin TapePak
package
Block Diagram
Pin 5No connection
Pin 8No connection
TLF5283 – 7
Note
All pin numbers in this data sheet refer to the 24-pin dual-in-line package
TapePak
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8464B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AD NSC-DP8402AD Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AV NSC-DP8402AV Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403 NSC-DP8403 Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403D NSC-DP8403D Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results

Similar Description - DP8464B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5805 STMICROELECTRONICS-STV5805 Datasheet
87Kb / 5P
PHOTO DETECTOR FOR DIGITAL VIDEO DISK
Jun-1998
logo
Sharp Corporation
IS1622 SHARP-IS1622 Datasheet
39Kb / 2P
OPIC Light Detector for Recorder Type MD (Mini Disk) RF Signal Detection
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
November 2002
logo
Texas Instruments
SN76604N TI-SN76604N Datasheet
514Kb / 9P
BIDIRECTIONAL SERVO-AMP PULSE WIDTH DETECTOR
logo
List of Unclassifed Man...
IRD1 ETC-IRD1 Datasheet
21Kb / 2P
Infrared Pulse Detector
logo
rfsolutions.ltd
IRD1 RFSOLUTIONS-IRD1 Datasheet
684Kb / 2P
Infrared Pulse Detector
IRT1 RFSOLUTIONS-IRT1 Datasheet
167Kb / 2P
Infrared Pulse Detector
logo
KODENSHI_AUK CORP.
KED KODENSHI-KED Datasheet
134Kb / 1P
ENCODER DISK
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
Disk array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com