Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8464B Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8464B Datasheet HTML 9Page - National Semiconductor (TI) DP8464B Datasheet HTML 10Page - National Semiconductor (TI) DP8464B Datasheet HTML 11Page - National Semiconductor (TI) DP8464B Datasheet HTML 12Page - National Semiconductor (TI) DP8464B Datasheet HTML 13Page - National Semiconductor (TI) DP8464B Datasheet HTML 14Page - National Semiconductor (TI) DP8464B Datasheet HTML 15Page - National Semiconductor (TI) DP8464B Datasheet HTML 16Page - National Semiconductor (TI) DP8464B Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Application Information (Continued)
Finally the previous AGC level is held This AGC hold func-
tion is accomplished by not allowing any current to charge
up the external CAGC The voltage across this capacitor will
slowly reduce due to the bias current into the Darlington
(see
Figure 6 ) or through any resistor placed in parallel with
CAGC Therefore as described in the Automatic Gain Con-
trol section the gain of the amplifier will slowly increase All
of these three events happen simultaneously
When the READ WRITE input is returned low the pulse
detector will go back to the read mode in a specific se-
quence First of all the input impedance at the Amp In is
returned to 1k Then after approximately 1 ms the Gain
Controlled Amplifier is taken out of the squelch mode and
finally approximately 1 ms after that the AGC circuit is
turned back on This return to the read mode is designed to
minimize analog transients in order to provide stable opera-
tion after 25 ms It is very important that the analog input be
stable before the chip is returned to the read mode It is
recommended that other than when writing the Pulse De-
tector be in the read mode at all times in order to prevent
the 25 ms delay from slowing up the system The READ
WRITE pin may be connected to the Write Gate output of a
controller (such as the DP8466 Disk Data Controller)
TIME CHANNEL FILTER
The peak detection is performed by feeding the output of
the Gain Controlled Amplifier through an external filter to
the differentiator The differentiator output changes state
when the input pulse changes direction generally this will
be at the peaks The differentiator can also respond to
noise near the baseline in which case the comparator gat-
ing channel will inhibit the output The purpose of the exter-
nal filter is to bandwidth limit the incoming signal for noise
considerations Care must be used in the design of this filter
to ensure the delay is not a function of frequency For this
reason a high order Bessel filter with its constant group
delay characteristics can be used in this application Often
this filter must be specifically designed to correct errors in-
troduced by the non-ideal phase characteristics of the input
read head The typcial b3 dB point for this filter is around
15 times the highest recorded frequency The design of this
filter is complex and will not be discussed here However
the following discussion does give a feel for some of the
considerations involved in the filter design The reader is
referred to reference
3 listed at the end of the Applica-
tions Notes for further filter design information
Figure 10 shows a typical Region 1 waveform where there is
no bit interaction This waveform is primarily the sum of the
fundamental frequency and its 3rd harmonic (higher odd
harmonics are present when there is more shouldering)
If the filter is to preserve this wave shape (this would be the
case if no readwrite head phase compensation were nec-
essary) then the phase relationship between the fundamen-
tal frequency and its harmonics must not be altered
Figure
11 shows the output when the 3rd harmonic has the proper
magnitude but the phase relationship is not maintained
The result is that the output waveform is not the same
shape as the input (in a severe case it may be almost unrec-
ognizable) and the time position of the peaks has been al-
tered
One electrical parameter which describes how well a filter
will preserve a wave shape is called group delay Group
delay is defined as the change in phase divided by the
change in frequency If the group delay is constant over the
TLF5283 – 15
FIGURE 10 Typical Region 1 Waveform
TLF5283 – 16
FIGURE 11 Region 1 Waveform with
the Incorrect Phase Relationship
frequencies of interest then the wave shape will be main-
tained An MFM coded signal will contain three basic fre-
quency components for the various digital patterns of data
For instance a 10 Megabitsec MFM signal will consist of
analog frequencies of 25 MHz 333 MHz and 5 MHz On
the outer track the bit density is the lowest and the 5 and
333 MHz signals will look sinusoidal while the 25 MHz sig-
nal will have a tendency to return to the baseline This re-
turning to the baseline is called shouldering and is illustrated
in
Figure 10 Since this shouldering is rich in 3rd harmonic
the 25 MHz signal will have a strong 75 MHz component
The 10 Megabitsec MFM signal will therefore have
25 MHz 333 MHz 5 MHz and 75 MHz components which
must be filtered with constant group delay in order to repro-
duce the original waveform For example if the phase shift
through the filter at 25 MHz is 333 then at 333 MHz the
phase shift must be 443
at 5 MHz666
and at
75 MHz999
The group delay
di
dt
for this case is
1332 MHz This can be better interpreted as a time delay
333 of a 25 MHz signal is equivalent to (333360) c
(125 MHz) or 37 ns Similarly 666 on a 5 MHz signal is
(666360) c (15 MHz) e 37 ns
The third order Bessel Filter as shown in the 10 Mbitsec
pulse pairing measurement board on the data sheet is de-
signed for a constant group delay and a b3 dB point of
75 MHz At this frequency the delay through the filter is 35
ns The Gain Controlled Amplifier of the DP8464B is de-
signed for a group delay of a 78 ns g05 ns for frequencies
up to 75 MHz The 78 ns delay in the Gain Controlled
Amplifier and the 37 ns delay in the Bessel Filter do not
introduce any timing error only a delay of 443 ns from the
Amp Input to the output of the filter
DIFFERENTIATOR
A simplified circuit of the first stage of the differentiator is
shown in
Figure 12 The voltages at V3 and V4 are simply
two diodes down from V1 and V2 Therefore the voltage
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com