Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8464B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8464B Datasheet HTML 2Page - National Semiconductor (TI) DP8464B Datasheet HTML 3Page - National Semiconductor (TI) DP8464B Datasheet HTML 4Page - National Semiconductor (TI) DP8464B Datasheet HTML 5Page - National Semiconductor (TI) DP8464B Datasheet HTML 6Page - National Semiconductor (TI) DP8464B Datasheet HTML 7Page - National Semiconductor (TI) DP8464B Datasheet HTML 8Page - National Semiconductor (TI) DP8464B Datasheet HTML 9Page - National Semiconductor (TI) DP8464B Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Pin Definitions
(All pin numbers refer to the 24 pin dual-in-line package)
Pin
Name
Function
Power Supply
9VCC
The supply is a12Vg10%
17
Digital
Digital signals should be referenced
Ground
to this pin
20
Analog
Analog signals should be referenced
Ground
to this pin
Analog Signals
6
Amp Ina
These are the differential inputs to
7
Amp Inb
the Amplifier The output of the read
write head amplifier should be capac-
itively coupled to these pins
18
Amp Outa
These are the differential outputs of
19
Amp Outb
the Amplifier These outputs should
be capacitively coupled to the gating
channel filter (if required) and to the
time channel filter
22
Gate
These are the differential inputs to
21
Channel
the AGC block and the gating chan-
Inputs
nel These inputs must be capacitive-
ly coupled from the Amp Out
2
Time
These are the differential inputs to
Channel
the differentiator in the time channel
Inputa
In most applications a filter between
23
Time
the Amp Out (pins 18 and 19) and
Channel
these inputs is required to band limit
Inputb
the noise and to correct for any
phase distortion introduced by the
read circuitry In all cases this input
must be capacitively coupled to pre-
vent disturbing the DC input level
1Cda
The external differentiator network is
24
Cdb
connected between these two pins
3
Set
The DC voltage on this pin sets the
Hysteresis
amount of hysteresis on the differen-
tial comparator Typically this voltage
can be established by a simple resis-
tive divider from the positive supply
4VREF
The AGC circuit adjusts the gain of
the amplifier to make the differential
peak to peak voltage on the Gate
Channel Input equal to four times the
DC voltage on this pin This voltage
can be established by a simple resis-
tive divider from the positive supply
5
No connection
8
No connection
16
CAGC
The external capacitor for the AGC is
connected between this pin and Ana-
log Ground
Pin
Name
Function
Digital Signals
10
Set Pulse
An external capacitor to control the
Width
pulse width of the Encoded Data Out
is connected between this pin and
Digital Ground
11
Read Write
If this pin is low the Pulse Detector is
in the read mode and the chip is ac-
tive When this pin goes high the
pulse detector is forced into a stand-
by mode This is a standard TTL in-
put
12
Time
This is the TTL output from the bi-di-
Pulse
rectional one shot following the dif-
Out
ferentiator In most applications this
can be connected directly to the
Time Pulse In
13
Time
This is the TTL input to the clock of
Pulse
the D flip-flop Usually this is con-
In
nected directly to the Time Pulse Out
pin
15
Channel
This is the buffered output of the dif-
Alignment
ferential comparator with hysteresis
This is usually used in the initial sys-
tem design and is not used in produc-
tion
14
Encoded
This is the standard TTL output
Data Out
whose leading edge indicates the
time position of the peaks
Application Information
GENERAL DESCRIPTION
All pin numbers refer to 24 pin dual-in-line package
The DP8464B Disk Pulse Detector utilizes analog and digital
circuitry to detect amplitude peaks of the signal received
from the ReadWrite Amplifier The analog signal from a
disk is a series of pulses the peaks of which correspond to
1’s or flux reversals on the magnetic medium The pulse
detector must accurately determine the time position of
these peaks The peaks are indicated by the positive lead-
ing edge of a TTL compatible output pulse This task is com-
plicated by variable pulse amplitudes depending on the me-
dia type head position head type and readwrite amplifier
circuit gain Additionally as the bit density on the disk in-
creases the amplitude decreases and significant bit interac-
tion occurs resulting in pulse distortion and shifting of the
peaks
The graph in
Figure 1 shows how the pulse amplitude varies
with the number of flux reversals per inch (or recording den-
sity) for a given head disk system The predominant disk
applications are associated with the first two regions on this
graph Regions 1 and 2 Typical waveforms received by the
pulse detector for these regions are shown next to the
graph
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com