Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1981MT/NOPB
Description  Multi-Format Video Sync Separator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMH1981MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 13Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 14Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 15Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 16Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 17Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 18Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
For SDTV formats, the back porch pulse's negative-going leading edge is derived from the input's positive-going
sync edge with a propagation delay, and the pulse width spans an appropriate duration of the color burst
envelope for NTSC/PAL. During the vertical interval, its pulse width is shorter to correspond with the narrow
serration pulses. For EDTV formats, the back porch pulse behaves similar to the SDTV case except that the
shorter pulse width is always maintained. For HDTV formats, the pulse's leading edge is derived from the input's
negative-going trailing sync edge with a propagation delay, and the pulse width is even narrower to correspond
with the shortest back porch duration of HDTV formats.
Odd/Even Field Output
OEOUT (pin 14) provides an odd/even field output signal, which facilitates identification of odd and even fields for
interlaced or segmented frame (sF) formats. For interlaced or segmented frame formats, the odd/even output is
logic high during an odd field (field 1) and logic low during an even field (field 2). The odd/even output edge
transitions align with VSync's leading edge to designate the start of odd and even fields. For progressive (non-
interlaced) video formats, the output is held constantly at logic high.
Video Format Output (Lines-per-Field Data)
The LMH1981 counts the number of HSync pulses per field to approximate the total horizontal line count per field
(vertical resolution). This can be used to identify the video format and enable dynamic adjustment of video
system parameters, such as color space or scaler conversions. The line count per field is output to VFOUT (pin
9) as an 11-bit binary data stream. The video format data stream is clocked out on the 11 consecutive leading
edges of HSync, starting at the 3rd HSync after each VSync leading edge. Outside of these active 11-bits of
data, the video format output can be either 0 or 1 and should be treated as undefined. Refer to Figure 15 to see
the VFOUT data timing for the 480P progressive format and Figure 16 and Figure 17 for the 1080I interlaced
format. See Table 4 for a summary of VFOUT data for all supported formats.
A FPGA/MCU can be used to decode the 11-bit VFOUT data stream by using HSync as the clock source signal
and VSync as the enable signal. Using the FPGA's clock delay capability, a delayed clock derived from HSync
can be used as the sampling clock to latch the VFOUT data in the middle of the horizontal line period rather than
near the VFOUT data-bit transitions in order to avoid setup time requirements.
Table 4. VFOUT Data Summary(1)
TV Format
VFOUT Data
VFOUT Data
(Total Lines per Field)
Field 1
Field 2
NTSC/480I
00100000100b
00100000011b
(262.5)
260d
259d
PAL/576I
00100110110b
00100110101b
(312.5)
310d
309d
480P
01000001010b
N/A
(525)
522d
576P
01001101110b
N/A
(625)
622d
720P
01011101011b
N/A
(750)
747d
1080I
01000110000b
01000101111b
(562.5)
560d
559d
1080P
10001100010b
N/A
(1125)
1122d
(1)
Note: VFOUT Data has an average offset of
−3 lines due to the HSync pulses uncounted during the VSync pulse interval.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com