Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1981MT/NOPB
Description  Multi-Format Video Sync Separator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH1981MT/NOPB Datasheet HTML 1Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ODD/EVEN
FIELD OUTPUT
C3
0.1 PF
RS
14
13
RS
BURST/BACK PORCH
TIMING OUTPUT
12
RS
COMPOSITE
SYNC OUTPUT
11
VCC
10
9
8
RS
RS
VIDEO FORMAT
OUTPUT
VERTICAL SYNC
OUTPUT
VSOUT
VFOUT
GND
VCC3
BPOUT
OEOUT
CSOUT
REXT
GND
VCC1
VIN
GND
VCC2
HSOUT
RS
HORIZONTAL
SYNC OUTPUT
VCC
C2
0.1 PF
7
6
5
4
3
2
1
REXT
10 k:, 1%
C4
4.7 PF
C1
0.1 PF
CIN
1 PF
CVBS/Y/G
VIDEO INPUT
RT
75:
VCC
LMH1981
LMH1981
SNLS214H – APRIL 2006 – REVISED MARCH 2013
www.ti.com
LMH1981 Test Circuit
Figure 2. Test Circuit
The LMH1981 test circuit is shown in Figure 2. The video generator should provide a low-noise, broadcast-
quality signal over 75
Ω coaxial cable which should be impedance-matched with a 75Ω load termination resistor
to prevent unwanted signal distortion. The output waveforms should be monitored using a low-capacitance probe
on an oscilloscope with at least 500 MHz bandwidth. See PCB LAYOUT CONSIDERATIONS for more
information about signal and supply trace routing and component placement.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com