Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1981MT/NOPB
Description  Multi-Format Video Sync Separator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH1981MT/NOPB Datasheet HTML 1Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REXT
GND
VCC1
VIN
GND
VCC2
HSOUT
OEOUT
BPOUT
CSOUT
VCC3
GND
VFOUT
VSOUT
LMH1981
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
LMH1981 Multi-Format Video Sync Separator
Check for Samples: LMH1981
1
FEATURES
DESCRIPTION
The LMH1981 is a high performance multi-format
2
•
Standard Analog Video Sync Separation for
sync separator ideal for use in a wide range of video
NTSC, PAL, 480I/P, 576I/P, 720P, and
applications, such as broadcast and professional
1080I/P/PsF from Composite Video (CVBS),
video equipment and HDTV/DTV systems.
S-Video (Y/C), and Component Video
The input accepts standard analog SD/ED/HD video
(YPBPR/GBR) Interfaces
signals with either bi-level or tri-level sync, and the
•
Bi-Level & Tri-Level Sync Compatible
outputs provide all of the critical timing signals in
•
Composite, Horizontal, and Vertical Sync
CMOS logic, which swing from rail-to-rail (VCC and
Outputs
GND) including Composite, Horizontal, and Vertical
Syncs, Burst/Back Porch Timing, Odd/Even Field,
•
Burst/Back Porch Timing, Odd/Even Field, and
and Video Format Outputs. HSync features very low
Video Format Outputs
jitter on its leading (falling) edge, minimizing external
•
Superior Jitter Performance on Leading Edge
circuitry
needed
to
clean
and
reduce
jitter
in
of HSync
subsequent clock generation stages.
•
Automatic Video Format Detection
The LMH1981 automatically detects the input video
•
50% Sync Slicing for Video Inputs from 0.5 VPP
format, eliminating the need for programming using a
to 2 VPP
microcontroller, and applies precise 50% sync slicing
to ensure accurate sync extraction at OH, even for
•
3.3V to 5V Supply Operation
inputs
with
irregular
amplitude
from
improper
termination or transmission loss. Its unique Video
APPLICATIONS
Format Output conveys the total horizontal line count
•
Broadcast and Professional Video Equipment
per field as an 11-bit binary serial data stream, which
can be decoded by the video system to determine the
•
HDTV/DTV Systems
input video format and enable dynamic adjustment of
•
Genlock Circuits
system parameters, i.e.: color space or scaler
•
Video Capture Devices
conversions. The LMH1981 is available in a 14-pin
•
Set-Top Boxes (STB) & Digital Video
TSSOP package and operates over a temperature
range of
−40°C to +85°C.
Recorders (DVR)
•
Video Displays
Connection Diagram
Figure 1. 14-Pin TSSOP - Top View
See PW Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH1981MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH1981MT/NOPB TI2-LMH1981MT/NOPB Datasheet
922Kb / 28P
LMH1981 Multi-Format Video Sync Separator
REVISED MARCH 2013
LMH1981MT/NOPB.A TI2-LMH1981MT/NOPB.A Datasheet
922Kb / 28P
LMH1981 Multi-Format Video Sync Separator
REVISED MARCH 2013
More results

Similar Description - LMH1981MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
Multi-Format Video Sync Separator
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
Auto-Detecting SD/HD/PC Video Sync Separator
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Intersil Corporation
ISL59450 INTERSIL-ISL59450 Datasheet
2Mb / 37P
Multiformat Video Crosspoint with Integrated Sync Separator
February 14, 2008
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
Multi-Format Digital Video Decoder
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
logo
Renesas Technology Corp
ISL59450 RENESAS-ISL59450 Datasheet
2Mb / 37P
Multiformat Video Crosspoint with Integrated Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com