Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1981MT/NOPB
Description  Multi-Format Video Sync Separator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH1981MT/NOPB Datasheet HTML 1Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LMH1981
SNLS214H – APRIL 2006 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin No.
Pin Name
Pin Description
1
REXT
Bias Current External Resistor
2, 5, 10
GND
Ground
3, 6, 11
VCC
Supply Voltage
4
VIN
Video Input
7
HSOUT
Horizontal Sync Output
8
VSOUT
Vertical Sync Output
9
VFOUT
Video Format Output
12
CSOUT
Composite Sync Output
13
BPOUT
Burst/Back Porch Timing Output
14
OEOUT
Odd/Even Field Output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
ESD Tolerance (4)
Human Body Model
3.5 kV
Machine Model
350V
Charge-Device Model
1.0 kV
Supply Voltage, VCC
0V to 5.5V
Video Input, VIN
−0.3V to VCC + 0.3V
Storage Temperature Range
−65°C to +150°C
Lead Temperature (soldering 10 sec.)
300°C
Junction Temperature (TJMAX)
(5)
+150°C
Thermal Resistance (
θJA)
52°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(5)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/θJA . All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Temperature Range (2)
−40°C to +85°C
VCC
3.3V
−5% to 5V +5%
Input Amplitude, VIN-AMPL
140 mV to VCC–VIN-CLAMP
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/θJA . All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com