Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1981MT/NOPB
Description  Multi-Format Video Sync Separator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH1981MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 13Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 14Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 15Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 16Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 17Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LMH1981
SNLS214H – APRIL 2006 – REVISED MARCH 2013
www.ti.com
LOGIC OUTPUTS
In the absence of a video input signal, the LMH1981 outputs are logic high except for the odd/even field and
video format outputs, which are both undefined, and the composite sync output.
Composite Sync Output
CSOUT (pin 12) simply reproduces the video input sync pulses below the video blanking level. This is obtained
by clamping the video signal sync tip to the internal clamp voltage at VIN and extracting the resultant composite
sync signal, or CSync. For both bi-level and tri-level syncs, CSync's negative-going leading edge is derived from
the input's negative-going leading edge with a propagation delay.
Horizontal Sync Output
HSOUT (pin 7) produces a negative-polarity horizontal sync signal, or HSync, with very low jitter on its negative-
going leading edge (reference edge) using precise 50% sync slicing. For bi-level and tri-level sync signals, the
horizontal sync leading edge is triggered from the input's sync reference, OH, with a propagation delay.
HSync was optimized for excellent jitter performance on its leading edge because most video systems are
negative-edge triggered. When HSync is used in a positive-edge triggered system, like an FPGA PLL input, it
must be inverted beforehand to produce positive-going leading edges. The trailing edge of HSync should never
be used as the reference or triggered edge. This is because the trailing edges of HSync are reconstructed for the
broad serration pulses during the vertical interval.
HSync's typical peak-to-peak jitter can be measured using the input-referred jitter test methodology on a real-
time digital oscilloscope by triggering at or near the input's OH reference and monitoring HSync's leading edge
with 4-sec. variable persistence. This is one way to measure HSync's typical peak-to-peak jitter in the time
domain. Figure 13 and Figure 14 show oscilloscope screenshots demonstrating very low jitter on HSync's leading
edge for 1080I tri-level sync and PAL Black Burst inputs, respectively, from a Tek TG700-AWVG7/AVG7 video
generator with DC-coupled outputs and with LMH1981 VCC = 3.3V.
Figure 13. Typical HSync Jitter for 1080I Input
Figure 14. Typical HSync Jitter for PAL Input
Upper: Horizontal Sync Leading Edge (Reference)
Upper: Horizontal Sync Leading Edge (Reference)
Lower: Zoomed In — 400 ps/DIV, 25 mV/DIV
Lower: Zoomed In — 1000 ps/DIV, 25 mV/DIV
Vertical Sync Output
VSOUT (pin 8) produces a negative-polarity vertical sync signal, or VSync. VSync's negative-going leading edge
is derived from the 50% point of the first vertical serration pulse with a propagation delay, and its output pulse
width, TVSOUT, spans approximately three horizontal periods (3H).
Burst/Back Porch Timing Output
BPOUT (pin 13) provides a negative-polarity burst/back porch signal, which is pulsed low for a fixed width during
the back porch interval following the input's sync pulse. The burst/back porch timing pulse is useful as a burst
gate signal for NTSC/PAL color burst synchronization and as a clamp signal for black level clamping (DC
restoration) and sync stripping applications.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com