Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1981MT/NOPB
Description  Multi-Format Video Sync Separator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH1981MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 13Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LMH1981
SNLS214H – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Table 3. HDTV Horizontal Interval Timing Characteristics (720P, 1080I)(1)
Symbol
Parameter
Conditions
Typ
Units
tdCSOUT
Composite Sync Output Propagation Delay from Input
See Figure 10
150
ns
Sync Leading Edge
tdHSOUT
Horizontal Sync Output Propagation Delay from Input
See Figure 10
30
ns
Sync Reference (OH)
tdBPOUT
Burst/Back Porch Timing Output Propagation Delay from
See Figure 10
720P
400
ns
Input Sync Trailing Edge
1080I, 1080P
300
THSOUT
Horizontal Sync Output Pulse Width
See Figure 10
720P
525
ns
1080I, 1080P
475
TBPOUT
Burst/Back Porch Timing Output Pulse Width
See Figure 10
350
ns
(1)
VCC = 3.3V , TA = 25°C
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com