Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1981MT/NOPB
Description  Multi-Format Video Sync Separator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH1981MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
VIN
CSOUT
HSOUT
BPOUT
TBPOUT
BLANKING LEVEL
WHITE LEVEL
- SYNC
OH
TRAILING
EDGE
50%
SLICE
50%
50%
+ SYNC
VIDEO
tdBPOUT
THSOUT
tdHSOUT
tdCSOUT
VIDEO INPUT RANGE
0.5 VPP to 2 VPP
1 VPP (typ.)
LEADING
EDGE
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
Table 1. SDTV Horizontal Interval Timing Characteristics (NTSC, PAL, 480I, 576I)(1)(2)
Symbol
Parameter
Conditions
Typ
Units
tdCSOUT
Composite Sync Output Propagation Delay from Input Sync
See Figure 9
NTSC, 480I
475
ns
Reference (OH)
PAL, 576I
525
tdHSOUT
Horizontal Sync Output Propagation Delay from Input Sync
See Figure 9(1)
NTSC, 480I
40
ns
Reference (OH)
PAL, 576I
60
tdBPOUT
Burst/Back Porch Timing Output Propagation Delay from
See Figure 9
300
ns
Input Sync Trailing Edge
THSOUT
Horizontal Sync Output Pulse Width
See Figure 9
2.5
µs
TBPOUT
Burst/Back Porch Timing Output Pulse Width
See Figure 9
3.2
µs
(1)
Note: HSync propagation delay variation less than ±3 ns (typ) over 0°C to 70°C temperature range.
(2)
VCC = 3.3V , TA = 25°C
Table 2. EDTV Horizontal Interval Timing Characteristics (480P, 576P)
Symbol
Parameter
Conditions
Typ
Units
tdCSOUT
Composite Sync Output Propagation Delay from Input Sync
See Figure 9
450
ns
Reference (OH)
tdHSOUT
Horizontal Sync Output Propagation Delay from Input Sync
See Figure 9
35
ns
Reference (OH)
tdBPOUT
Burst/Back Porch Timing Output Propagation Delay from Input Sync
See Figure 9
500
ns
Trailing Edge
THSOUT
Horizontal Sync Output Pulse Width
See Figure 9
2.3
µs
TBPOUT
Burst/Back Porch Timing Output Pulse Width
See Figure 9
350
ns
HDTV Horizontal Interval Timing
Figure 10. HDTV Horizontal Interval with Tri-level Sync
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com