Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9543B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4MSD5V9543B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0038
PT0535-4
8/18/15
4
PI4MSD5V9543B
2 Channel I2C bus switch
with Interrupt Logic and Reset
Continued
Symbol
Parameter
Conditions
VCC
Min
Typ
Max
Unit
Select inputs A0, A1, INT0, INT1
VIL
LOW-level input voltage
1.65V to 5.5V
-0.5
+0.3VCC
V
VIH
HIGH-level input voltage
1.65V to 5.5V
0.7VCC
6
V
IIL
LOW-level input current
VI = GND
1.65V to 5.5V
-1
+1
uA
Ci
input capacitance
VI = GND
1.65V to 5.5V
3
5
pF
INT output
IOL
LOW-level output current
VOL = 0.4 V
1.65V to 5.5V
3
mA
IOH
HIGH-level output current
1.65V to 5.5V
+10
uA
Note: VCC must be lowered to 0.2 V for at least 5 us in order to reset part.
AC Electrical characteristics
Tamb = - 40 ºC to +85 ºC; unless otherwise specified.
Symbol
Parameter
Conditions
VCC
Min
Typ
Max
Unit
tPD
[1]
propagation delay
from SDA to SDx,
or SCL to SCx
1.65V to 5.5V
0.3
ns
INT
[2]
tV_INT
valid time from INTn to
INT signal
1.65V to 5.5V
4
us
tD_INT
delay time from INTn to
INT inactive
1.65V to 5.5V
2
us
tREJ_L
LOW-level rejection time
1.65V to 5.5V
1
us
tREJ_H
HIGH-level rejection time
1.65V to 5.5V
0.5
us
RESET
tw(rst)L
LOW-level reset time
4
ns
trst
reset time
SDA clear
500
ns
tREC;STA
recovery time to START
condition
0
ns
Note
[1]Pass gate propagation delay is calculated from the 20Ω typical Ron and the 15 pF load capacitance.
[2] Measurements taken with 1 kΩpull-up resistor and 50 pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com