Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9543B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4MSD5V9543B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2 Channel I2C bus switch with interrupt logic and Reset
2015-07-0038
PT0535-4
8/18/15
1
PI4MSD5V9543B
Features
 1-of-2 bidirectional translating multiplexer
 I2C-bus interface logic
 Operating power supply voltage:1.65 V to 5.5 V
 Allows voltage level translation between 1.2V,
1.8V,2.5 V, 3.3 V and 5 V buses
 Low standby current
 Low Ron switches
 Channel selection via I2C bus
 Power-up with all multiplexer channels deselected
 Capacitance isolation when channel disabled
 No glitch on power-up
 Supports hot insertion
 5 V tolerant inputs
 0 Hz to 400 kHz clock frequency
 ESD protection exceeds 8000 V HBM per JESD22-
A114, and 1000 V CDM per JESD22-C101
 Latch-up testing is done to JEDEC Standard
JESD78 which exceeds 100 mA
 Packages offered: SOIC-14W,TSSOP-14L
Pin Configuration
Description
The PI4MSD5V9543B is a bidirectional translating
switch, controlled by the I2C bus. The SCL/SDA
upstream pair fans out to two downstream pairs, or
channels.
Any
individual
SCx/SDx
channels
or
combination of channels can be selected, determined by
the contents of the programmable control register. Two
interrupt inputs, INT0 and INT1, one for each of the
downstream pairs, are provided. One interrupt output,
INT, which acts as an AND of the two interrupt inputs,
is provided.
An
active
LOW
reset
input
allows
the
PI4MSD5V9543B to recover from a situation where one
of the downstream buses is stuck in a LOW state.
Pulling the RESET pin LOW resets the I2C bus state
machine and causes all the channels to be deselected, as
does the internal power-on reset function.
The pass gates of the switches are constructed such
that the VCC pin can be used to limit the maximum high
voltage which will be passed by the PI4MSD5V9543X.
This allows the use of different bus voltages on each
SCx/SDx pair, so that 1.2V,1.8 V, 2.5 V, or 3.3 V parts
can communicate with 5 V parts without any additional
protection. External pull-up resistors pull the bus up to
the desired voltage level for each channel.
All I/O pins are 5 V tolerant.
The PI4MSD5V9543A and PI4MSD5V9543B are
identical except for the fixed portion of the slave address.
Pin Description
Pin
No
Pin
Name
Type
Description
1
A0
Input
address input 0
2
A1
Input
address input 1
3
Input
active LOW reset input
4
Input
active LOW interrupt input 0
5
SD0
I/O
serial data 0
6
SC0
I/O
serial clock 0
7
GND
Ground
supply ground
8
Input
active LOW interrupt input 1
9
SD1
I/O
serial data 1
10
SC1
I/O
serial clock 1
11
Output
active LOW interrupt output
12
SCL
I/O
serial clock line
13
SDA
I/O
serial data line
14
VCC
Power
supply voltage
TSSOP14
SOP14
INT0
INT1
INT
RESET


Similar Part No. - PI4MSD5V9543B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543ALE PERICOM-PI4MSD5V9543ALE Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543ALEX PERICOM-PI4MSD5V9543ALEX Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543AWE PERICOM-PI4MSD5V9543AWE Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543AWEX PERICOM-PI4MSD5V9543AWEX Datasheet
613Kb / 13P
2 Channel I2C bus switch
More results

Similar Description - PI4MSD5V9543B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9545A PERICOM-PI4MSD5V9545A Datasheet
531Kb / 13P
4 Channel I2C bus Switch
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
4 Channel I2C bus Switch
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
4-channel I2C-bus switch with reset
logo
Diodes Incorporated
PI4MSD5V9546A DIODES-PI4MSD5V9546A Datasheet
1Mb / 14P
4 Channel I2C bus Switch with Reset
May 2023 Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com