Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9543B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4MSD5V9543B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0038
PT0535-4
8/18/15
3
PI4MSD5V9543B
2 Channel I2C bus switch
with Interrupt Logic and Reset
DC Electrical Characteristics
Unless otherwise specified, -40°C≤TA≤85°C, 1.1V≤Vcc≤3.6V
Symbol
Parameter
Conditions
VCC
Min
Typ
Max
Unit
Supply
VCC
Supply Voltage
1.65
5.5
V
ICC
supply current
operating mode;
no load;
VI = VCC or GND;
fSCL = 100 kHz
3.6V to 5.5V
65
100
uA
2.3V to 3.6V
20
50
uA
1.65V to 2.3V
10
30
uA
Istb
standby current
standby mode; VCC =
3.6 V;
no load; VI = VCC or
GND;
fSCL = 0 kHz
3.6V to 5.5V
0.3
1
uA
2.3V to 3.6V
0.1
1
uA
1.65V to 2.3V
0.1
1
uA
VPOR
[1]
power-on reset voltage
no load; VI = VCC or
GND
3.6V to 5.5V
1.3
1.5
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
1.65V to 5.5V
-0.5
+0.3VCC
V
VIH
HIGH-level input voltage
1.65V to 2V
0.75VCC
6
V
2V to 5.5V
0.7VCC
6
V
IOL
LOW-level output current
VOL = 0.4 V
1.65V to 5.5V
3
-
mA
VOL = 0.6 V
1.65V to 5.5V
6
-
mA
IIL
LOW-level input current
VI = GND
1.65V to 5.5V
-1
+1
uA
IIH
HIGH-level input current
VI = VCC
1.65V to 5.5V
-1
+1
uA
Ci
input capacitance
VI = GND
3.6V to 5.5V
-
9
10
pF
Pass Gate
Ron
ON-state resistance
VO = 0.4 V;
IO = 15 mA
4.5 V to 5.5 V
4
9
24
Ω
3V to 3.6V
5
11
31
Ω
VO = 0.4 V;
IO = 10mA
2.3V to 2.7V
7
16
55
Ω
1.65V to 2V
9
20
70
Ω
Vpass
switch output voltage
Vin =VCC;
Iout = -100uA
5V
3.6
V
4.5 V to 5.5 V
2.8
4.5
V
3.3V
2.2
V
3V to 3.6V
1.6
2.8
V
2.5V
1.5
V
2.3V to 2.7V
1.1
2
V
1.8V
0.9
V
1.65V to 2V
0.54
1.3
V
IL
leakage current
VI = VCC or GND
1.65V to 5.5V
-1
+1
uA
Cio
input/output capacitance
VI = VCC or GND
1.65V to 5.5V
3
5
pF
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com