Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9543B Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9543B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0038
PT0535-4
8/18/15
6
PI4MSD5V9543B
2 Channel I2C bus switch
with Interrupt Logic and Reset
Application
Figure 3. Typical Application
VCC
VPU1
VPU2
1.8V
1.5V-5.5V
1.2V-5.5V
2.5V
1.8V-5.5V
1.8V-5.5V
3.3V
2.7V-5.5V
2.7V-5.5V
5V
4.5V-5.5V
4.5V-5.5V
Note:
If the device generating the interrupt has an open-drain output structure or can be 3-stated, a pull-up resistor is required.
If the device generating the interrupt has a totem pole output structure and cannot be 3-stated, a pull-up resistor is not required.
The interrupt inputs should not be left floating.
Device addressing
Following a START condition the bus master must output the address of the slave it is accessing. The address of
the PI4MSD5V9543B is shown in Figure 4.
To conserve power, no internal pull-up resistors are incorporated on the hardware selectable address pins and they
must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to logic 1 a read is selected, while
a logic 0 selects a write operation.
I2C bus master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com