Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9543B Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9543B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0038
PT0535-4
8/18/15
7
PI4MSD5V9543B
2 Channel I2C bus switch
with Interrupt Logic and Reset
Figure 4:Device address
The PI4MSD5V9543B is an alternate address version, if needed for larger systems or to resolve address conflicts.
The data sheet will reference the PI4MSD5V9543A, but the PI4MSD5V9543B functions identically except for the
slave address.
Control register
Following the successful acknowledgement of the slave address, the bus master will send a byte to the
PI4MSD5V9543B, which will be stored in the control register. If multiple bytes are received by the PI4MSD5V9543B,
it will save the last byte received. This register can be written and read via the I2C-bus.
Figure 5: Control register
Control register definition
One or several SCx/SDx downstream pair, or channel, is selected by the contents of the control register. This
register is written after the PI4MSD5V9543B has been addressed. The 2 LSBs of the control byte are used to
determine which channel is to be selected. When a channel is selected, the channel will become active after a STOP
condition has been placed on the I2C-bus. This ensures that all SCx/SDx lines will be in a HIGH state when the
channel is made active, so that no false conditions are generated at the time of connection.
Bits INT0, INT1, D6 and D7 are all writable, but will read the chip status. INT0 and INT1 indicate the state of the
corresponding interrupt input. D7 and D6 always read 0.
D7
D6
INT1
INT0
D3
B2
B1
B0
Command
X
X
X
X
X
X
X
0
channel 0 disabled
1
channel 0 enabled
X
X
X
X
X
X
0
X
channel 1 disabled
1
channel 1enabled
0
0
0
0
0
0
0
0
no channel selected;
power-up/reset default state
Control register: Write—channel selection; Read—channel status.
Remark: Channel 0 and channel 1 can be enabled at the same time. Care should be
taken not to exceed the maximum bus capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com