Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9543B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI4MSD5V9543B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0038
PT0535-4
8/18/15
2
PI4MSD5V9543B
2 Channel I2C bus switch
with Interrupt Logic and Reset
Block Diagram
Figure 1: Block Diagram
Maximum Ratings
Storage Temperature .................................................–55°C to +125°C
Supply Voltage port B .................................................–0.5V to +6.0V
Supply Voltage port A ................................................–0.5V to +6.0V
DC Input Voltage ....................................................... –0.5V to +6.0V
Control Input Voltage (EN)… .................................. –0.5V to +6.0V
Total power dissipation
(1).......................................................100mW
Input current(EN,VCCA,VCCB,GND).....................................50mA
ESD: HBM Mode .....................................................................8000V
Recommended operation conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
VCCA Positive DC Supply Voltage
1.65
-
5.5
V
VEN
Enable Control Pin Voltage
GND
-
5.5
V
VIO
I/O Pin Voltage
GND
-
5.5
V
Δt /ΔV Input transition rise or fall time
-
-
10
ns/V
TA
Operating Temperature Range
−40
-
+85
°C
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com