Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9543B Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0038
PT0535-4
8/18/15
9
PI4MSD5V9543B
2 Channel I2C bus switch
with Interrupt Logic and Reset
Voltage translation
The pass gate transistors of the PI4MSD5V9543B are constructed such that the VCC voltage can be used to limit
the maximum voltage that is passed from one I2C-bus to another.
Figure 6:Vpass voltage VS Vcc
Figure 6 shows the voltage characteristics of the pass gate transistors (note that the graph was generated using the
data specified in Section “DC Electrical characteristics” of this data sheet).
In order for the PI4MSD5V9543B to act as a voltage translator, the Vpass voltage should be equal to, or lower
than the lowest bus voltage. For example, if the main bus was running at 5 V, and the downstream buses were 3.3 V
and 2.7 V, then Vpass should be equal to or below 2.7 V to clamp the downstream bus voltages effectively.
Looking at Figure 6, we see that Vpass (max) is at 2.7 V when the PI4MSD5V9543B supply voltage is 3.5 V or
lower so the PI4MSD5V9543B supply voltage could be set to 3.3 V. Pull-up resistors can then be used to bring the bus
voltages to their appropriate levels
I2C BUS
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data
line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when
connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy.
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH
period of the clock pulse as changes in the data line at this time are interpreted as control signals
Figure 7: Bit Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com