Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720122 Datasheet(PDF) 39 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 39 Page - NEC

Back Button UPD720122 Datasheet HTML 35Page - NEC UPD720122 Datasheet HTML 36Page - NEC UPD720122 Datasheet HTML 37Page - NEC UPD720122 Datasheet HTML 38Page - NEC UPD720122 Datasheet HTML 39Page - NEC UPD720122 Datasheet HTML 40Page - NEC UPD720122 Datasheet HTML 41Page - NEC UPD720122 Datasheet HTML 42Page - NEC UPD720122 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
Data Sheet S16685EJ2V0DS
39
µPD720122
2.6.3
AC characteristics of BIU block with function 2 or 3 selected
(1) CPU bus read operation
Symbol
Parameter
Min.
Typ.
Max.
Unit
TB1
Read cycle time
86
∞
ns
TB2
Address setup time (ALE
↓)
10
∞
ns
TB3
Chip select setup time (ALE
↓)
17
∞
ns
TB4
Read command delay time (ALE
↓)
7
∞
ns
TB5
Output data delay time (RDB
↓)
−
57
ns
TB6
Read command width
57
∞
ns
TB7
Output data hold time (RDB
↑)
4
−
ns
TB8
Chip select hold time (RDB
↑)
5
∞
ns
TB9
ALE width
10
∞
ns
TB10
Address hold time (ALE
↓)
0
∞
ns
TB11
Chip select setup time (RDB
↓)
5
∞
ns
TB12
Buffer direction change time (RDB
↓)
−
14
ns
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
CPU bus read timing
RDB
AD7 to AD0
Note
D15 to D8
CSB
ADDRES
VALID
tb7
tb6
tb5
ALE
DATA
VALID
tb2
tb4
tb8
ADDRES
VALID
tb1
tb9
tb11
tb12
tb10
DATA
invalid
tb3
Note
D7 to D0 for Function 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com