Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720122 Datasheet(PDF) 13 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 13 Page - NEC

Back Button UPD720122 Datasheet HTML 9Page - NEC UPD720122 Datasheet HTML 10Page - NEC UPD720122 Datasheet HTML 11Page - NEC UPD720122 Datasheet HTML 12Page - NEC UPD720122 Datasheet HTML 13Page - NEC UPD720122 Datasheet HTML 14Page - NEC UPD720122 Datasheet HTML 15Page - NEC UPD720122 Datasheet HTML 16Page - NEC UPD720122 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Data Sheet S16685EJ2V0DS
13
µPD720122
2.3
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
Voltage
VDD
−0.5 to +4.6
V
I/O voltage
VI/VO
Note 1
VI/VO < VDD+3.0 V
−0.5 to +6.6
V
Note 2
VI/VO < VDD+0.3 V
−0.5 to +4.6
V
Output current
IO
Note 3
IOL = 6 mA
6
mA
Operating ambient temperature
TA
0 to +70
°C
Storage temperature
Tstg
−65 to +150
°C
Notes 1.
5 V torelant input buffer, output buffer, I/O buffer
2.
3.3 V input buffer,3.3 V oscillator interface
3.
5 V torelant output buffer, I/O buffer(OUT)
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
2.4
Recommended Operating Range
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltage
VDD
3.3 V Power
3.0
3.3
3.6
V
Negative trigger voltage
VN
0.6
1.8
V
Positive trigger voltage
VP
1.2
2.4
V
Hysteresis voltage
VH
0.3
1.5
V
Input voltage, low
VIL
00.8
V
3.3 V input buffer
2.0
VDD
V
Input voltage, high
VIH
5V torelant input buffer, I/O buffer
2.0
5.5
V
Rise/fall time
tr/tf
0
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com