Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720122 Datasheet(PDF) 77 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 77 Page - NEC

Back Button UPD720122 Datasheet HTML 73Page - NEC UPD720122 Datasheet HTML 74Page - NEC UPD720122 Datasheet HTML 75Page - NEC UPD720122 Datasheet HTML 76Page - NEC UPD720122 Datasheet HTML 77Page - NEC UPD720122 Datasheet HTML 78Page - NEC UPD720122 Datasheet HTML 79Page - NEC UPD720122 Datasheet HTML 80Page - NEC UPD720122 Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
Data Sheet S16685EJ2V0DS
77
µPD720122
3.
PACKAGE DRAWING
75
76
50
100
1
26
25
51
S
100-PIN PLASTIC TQFP (FINE PITCH) (14x14)
ITEM
MILLIMETERS
B
14.0
±0.2
D
16.0
±0.2
F
1.0
G
1.0
A
16.0
±0.2
C
14.0
±0.2
H
0.22
±0.05
I
0.08
J
K
NOTE
Each lead centerline is located within 0.08 mm of
its true position (T.P.) at maximum material condition.
1.0
±0.2
0.5 (T.P.)
A
R
detail of lead end
S
M
HI
G
F
B
C
D
L
0.5
N
0.08
P
1.0
Q
0.1
±0.05
P100GC-50-9EU
M
0.17+0.03
−0.07
S
1.1
±0.1
T
0.25
U
0.6
±0.15
R3
°+4°
−3°
K
J
P
Q
L
U
T
M
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com