Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720122 Datasheet(PDF) 79 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 79 Page - NEC

Back Button UPD720122 Datasheet HTML 74Page - NEC UPD720122 Datasheet HTML 75Page - NEC UPD720122 Datasheet HTML 76Page - NEC UPD720122 Datasheet HTML 77Page - NEC UPD720122 Datasheet HTML 78Page - NEC UPD720122 Datasheet HTML 79Page - NEC UPD720122 Datasheet HTML 80Page - NEC UPD720122 Datasheet HTML 81Page - NEC UPD720122 Datasheet HTML 82Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
Data Sheet S16685EJ2V0DS
79
µPD720122
4.
RECOMMENDED SOLDERING CONDITIONS
The
µPD720122 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact your NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
•
µµµµ PD720122GC-9EU : 100-pin plastic TQFP (Fine pitch) (14 ×××× 14)
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 seconds max. (at 210°C or higher),
Count: Two times or less
Exposure limit: 3 days
Note (after that, prebake at 125°C for 10 hours)
IR35-103-2
Partial heating
Pin temperature: 300°C max., Time: 3 seconds max. (per pin row)
–
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
•
µµµµ PD720122F1-GN2 : 109-pin plastic FBGA (11 ×××× 11)
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 seconds max. (at 210°C or higher),
Count: Three times or less
Exposure limit: 3 days
Note (after that, prebake at 125°C for 10 hours)
IR35-103-3
Partial heating
Pin temperature: 300°C max., Time: 3 seconds max. (per pin row)
–
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com