Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720122 Datasheet(PDF) 67 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 67 Page - NEC

Back Button UPD720122 Datasheet HTML 63Page - NEC UPD720122 Datasheet HTML 64Page - NEC UPD720122 Datasheet HTML 65Page - NEC UPD720122 Datasheet HTML 66Page - NEC UPD720122 Datasheet HTML 67Page - NEC UPD720122 Datasheet HTML 68Page - NEC UPD720122 Datasheet HTML 69Page - NEC UPD720122 Datasheet HTML 70Page - NEC UPD720122 Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
Data Sheet S16685EJ2V0DS
67
µPD720122
Figure 2-6. Transmit Waveform for Transceiver at D+/D
−−−−
0 V
differential
+400 mV
differential
–400 mV
differential
Unit interval
Level 1
Level 2
Point 1
Point 2
Point 3
Point 4
Point 5
Point 6
0%
100%
Figure 2-7. Transmitter Measurement Fixtures
Vbus
D+
D–
Gnd
15.8
Ω
+
To 50-
Ω input of a
high-speed differential
oscilloscope, or 50-
Ω
output of a high speed
differential data generator
–
50
Ω
Coax
50
Ω
Coax
USB
connector
nearest
device
Test supply voltage
15.8
Ω
143
Ω
143
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com