Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720122 Datasheet(PDF) 1 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 1 Page - NEC

  UPD720122 Datasheet HTML 1Page - NEC UPD720122 Datasheet HTML 2Page - NEC UPD720122 Datasheet HTML 3Page - NEC UPD720122 Datasheet HTML 4Page - NEC UPD720122 Datasheet HTML 5Page - NEC UPD720122 Datasheet HTML 6Page - NEC UPD720122 Datasheet HTML 7Page - NEC UPD720122 Datasheet HTML 8Page - NEC UPD720122 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
µPD720122
MOS Integrated Circuit
DATA SHEET
USB2.0 Generic Device Controller
Document No.
S16685EJ2V0DS00 (2nd edition)
Date Published June 2003 NS CP (K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2003
The mark
shows major revised points.
The µPD720122 is USB2.0 Generic Device Controller, which combines the NEC Electronics USB2.0 PHY and End-
point Controller. The Controller has certified by USB Implementers Forum. End-point Controller has banked two Bulk End-
point and one Interrupt End-point, and selectable three general CPU bus-types, suitable for designing various USB
device. The controller has the external local bus, that enables to perform high speed data transferring when CPU is
accessing to the controller. These IP Blocks in the controller are based completely on an NEC Electronics ASIC core, so
µPD720122 is suitable to design for the prototype system that are intended to design ASIC in the future.
Detailed function descriptions are provided in the following user’s manual. Be sure to read the manual before designing.
µµµµPD720122 User’s Manual: S15829E
FEATURES
• Complaint with USB2.0 specification (Maximum data transferring rate: 480 Mbps)
• USB2.0 certified (TestID=40000822)
• High(480Mbps) / Full(12Mbps)- Speed support and switch automatically
• Easy to design NEC Electronics ASIC
• Generic USB2.0 Device Controller
• Two Bulk End-points and One Interrupt End-point
• Performed Data Local Bus independent from CPU bus.
(Maximum Data Transferring rate: 21 MBps with DMA mode )
• Selectable three CPU Bus Interface
ORDERING INFORMATION
Part Number
Package
µPD720122GC-9EU
100-pin plastic TQFP (Fine pitch) (14
× 14)
µPD720122F1-DN2
109-pin plastic FBGA (11
× 11)


Similar Part No. - UPD720122

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720122 RENESAS-UPD720122 Datasheet
1Mb / 86P
MOS Integrated Circuit
2003
More results

Similar Description - UPD720122

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com