Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720122 Datasheet(PDF) 40 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 40 Page - NEC

Back Button UPD720122 Datasheet HTML 36Page - NEC UPD720122 Datasheet HTML 37Page - NEC UPD720122 Datasheet HTML 38Page - NEC UPD720122 Datasheet HTML 39Page - NEC UPD720122 Datasheet HTML 40Page - NEC UPD720122 Datasheet HTML 41Page - NEC UPD720122 Datasheet HTML 42Page - NEC UPD720122 Datasheet HTML 43Page - NEC UPD720122 Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Data Sheet S16685EJ2V0DS
40
µPD720122
(2) CPU bus write operation
Symbol
Parameter
Min.
Typ.
Max.
Unit
TB13
Write cycle time
58
∞
ns
TB14
Address setup time (ALE
↓)
17
∞
ns
TB15
Chip select setup time (ALE
↓)
17
∞
ns
TB16
Write command delay time (ALE
↓)
7
∞
ns
TB17
Input data setup time (WRB
↑)
10
∞
ns
TB18
Input data hold time (WRB
↑)
0
∞
ns
TB19
Write command width
34
∞
ns
TB20
Chip select hold time (WRB
↑)
0
∞
ns
TB21
Chip select setup time (WRB
↓)
5
∞
ns
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
CPU bus write timing
WRB
AD7 to AD0
Note
D15 to D8
CSB
ADDRESS
VALID
tb18
tb19
ALE
DATA
VALID
tb2
tb16
tb20
ADDRESS
VALID
tb13
tb17
tb10
tb21
tb15
tb9
Note
D7 to D0 for Function 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com