Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000E/2K
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2K Datasheet(HTML) 2 Page - Texas Instruments

  PCM3000E/2K Datasheet HTML 1Page - Texas Instruments PCM3000E/2K Datasheet HTML 2Page - Texas Instruments PCM3000E/2K Datasheet HTML 3Page - Texas Instruments PCM3000E/2K Datasheet HTML 4Page - Texas Instruments PCM3000E/2K Datasheet HTML 5Page - Texas Instruments PCM3000E/2K Datasheet HTML 6Page - Texas Instruments PCM3000E/2K Datasheet HTML 7Page - Texas Instruments PCM3000E/2K Datasheet HTML 8Page - Texas Instruments PCM3000E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
All specifications at T
A = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, SYSCLK = 384 fS, CLKIO input, and 18-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Input Logic
VIH(1)
2
Input logic level
VDC
VIL(1)
0.8
IIN(2)
±1
Input logic current
µA
IIN(3)
–120
VIH(4)
0.64 VDD
VDC
Input logic level
VIL(4)
0.28 VDD
IIN(4)
Input logic current
±40
µA
Output Logic
VOH(5)
IOUT = –1.6 mA
4.5
Output logic level
VOL(5)
IOUT = 3.2 mA
0.5
VDC
VOH(6)
IOUT = –3.2 mA
4.5
Output logic level
VOL(6)
IOUT = 3.2 mA
0.5
Clock Frequency
fS
Sampling frequency
4(7)
44.1
48
kHz
256 fS
1.024
11.2896
12.288
System clock frequency
384 fS
1.536
16.9344
18.432
MHz
512 fS
2.048
22.5792
24.576
ADC CHARACTERISTICS
Resolution
18
Bits
DC Accuracy
Gain mismatch, channel-to-channel
±1
±5
% of FSR
Gain error
±2
±5
Gain drift
±20
ppm of FSR/
°C
Bipolar zero error
High-pass filter off(8)
±1.7
% of FSR
Bipolar zero drift
High-pass filter off(8)
±20
ppm of FSR/
°C
(1)
Pins 16, 17, 18, 22, 25, 26, 27, 28: LRCIN, BCKIN, DIN, CLKIO, MC/FMT2, MD/FMT1, ML/FMT0, RSTB
(2)
Pins 16, 17, 18, 22: LRCIN, BCKIN, DIN, CLKIO (Schmitt-trigger input)
(3)
Pins 25, 26, 27, 28: MC/FMT2, MD/FMT1, ML/FMT0, RSTB (Schmitt-trigger input, 70-k
Ω internal pullup resistor)
(4)
Pin 20: XTI
(5)
Pins 19, 22: DOUT, CLKIO
(6)
Pin 21: XTO
(7)
Refer to Application Bulletin SBAA033 for information relating to operation at lower sampling frequencies.
(8)
High-pass filter disabled (PCM3000 only) to measure dc offset
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com