Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000E/2K
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2K Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM3000E/2K Datasheet HTML 24Page - Texas Instruments PCM3000E/2K Datasheet HTML 25Page - Texas Instruments PCM3000E/2K Datasheet HTML 26Page - Texas Instruments PCM3000E/2K Datasheet HTML 27Page - Texas Instruments PCM3000E/2K Datasheet HTML 28Page - Texas Instruments PCM3000E/2K Datasheet HTML 29Page - Texas Instruments PCM3000E/2K Datasheet HTML 30Page - Texas Instruments PCM3000E/2K Datasheet HTML 31Page - Texas Instruments PCM3000E/2K Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
www.ti.com
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
Table 3. Functions of the Registers
REGISTER NAME
REGISTER BIT(S)
BIT NAME
DESCRIPTION
Register 0
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 00
8
LDL
DAC attenuation data load control for
Lch
7–0
AL[7:0]
DAC attenuation data for Lch
Register 1
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 01
8
LDR
DAC attenuation data load control for
Rch
7–0
AR[7:0]
DAC attenuation data for Rch
Register 2
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 10
8
PDWN
ADC power-down control
7
BYPS
ADC high-pass filter bypass control
6
res
Reserved, should be set to 0
5
ATC
DAC attenuation data mode control
4
IZD
DAC infinite zero detection circuit control
3
OUT
DAC output enable control
2–1
DEM[1:0]
DAC de-emphasis control
0
MUT
DAC Lch and Rch soft mute control
Register 3
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 11
8–6
res
Reserved, should be set to 0
5
LOP
ADC/DAC analog loopback control
4–2
FMT[2:0]
ADC/DAC audio data format selection
1
LRP
ADC/DAC polarity of LR-clock selection
0
res
Reserved, should be set to 0
PROGRAM REGISTER 0
res:
Bits 15:11 – Reserved
These bits are reserved and should be set to 0.
A[1:0]:
Bits 10:9 – Register Address
These bits definte the address for REGISTER 0:
A1
A0
0
0
Register 0
LDL:
Bit 8 – DAC Attenuation Data Load Control for Left Channel
This bit is used to simultaneously set the analog outputs of the left and right channels. The output
level is controlled by AL[7:0] attenuation data when this bit is set to 1. When set to 0, the new
attenuation data is stored into a register, and the output level remains at the previous attenuation
level. The LDR bit in REGISTER 1 has the equivalent function as LDL. When either LDL or LDR is
set to 1, the output levels of the left and right channels are simultaneously controlled.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com