Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000E/2K
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2K Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM3000E/2K Datasheet HTML 27Page - Texas Instruments PCM3000E/2K Datasheet HTML 28Page - Texas Instruments PCM3000E/2K Datasheet HTML 29Page - Texas Instruments PCM3000E/2K Datasheet HTML 30Page - Texas Instruments PCM3000E/2K Datasheet HTML 31Page - Texas Instruments PCM3000E/2K Datasheet HTML 32Page - Texas Instruments PCM3000E/2K Datasheet HTML 33Page - Texas Instruments PCM3000E/2K Datasheet HTML 34Page - Texas Instruments PCM3000E/2K Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
www.ti.com
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
MUT:
Bit 0 – DAC Soft Mute Control
When set to 1, both left- and right-channel DAC outputs are muted at the same time. This muting is done by
attenuating the data in the digital filter, so that there is no audible click noise when soft mute is turned on.
MUT
0
Mute disabled (default)
1
Mute enabled
PROGRAM REGISTER 3
res:
Bits 15:11 – Reserved
These bits are reserved and should be set to 0.
A[1:0]:
Bits 10:9 – Register Address
These bits define the address for REGISTER 3.
A1
A0
1
1
Register 3
res:
Bits 8:6 – Reserved
These bits are reserved and should be set to 0.
LOP:
Bit 5 – ADC to DAC Loopback Control
When this bit is set to 1, the ADC audio data is sent directly to the DAC. The data format defaults to I
2S; DOUT
is still available in loopback mode.
LOP
0
Loopback disabled (default)
1
Loopback enabled
FMT[2:0]:
Bits 4:2 – Audio Data Format Select
These bits determine the input and output audio data formats. (default: FMT[2:0] = 000b)
FM2
FMT1
FMT0
DAC DATA FORMAT
ADC DATA FORMAT
0
0
0
16-bit, MSB-first, right-justified
16-bit, MSB-first, left-justified
0
0
1
18-bit, MSB-first, right-justified
18-bit, MSB-first, left-justified
0
1
0
16-bit, MSB-first, right-justified
16-bit, MSB-first, right-justified
0
1
1
18-bit, MSB-first, right-justified
18-bit, MSB-first, right-justified
1
0
0
16-/18-bit, MSB-first, left-justified
18-bit, MSB-first, left-justified
1
0
1
16-/18-bit, MSB-first, I2S
18-bit, MSB-first, I2S
1
1
0
16-bit, MSB-first, DSP-frame
16-bit, MSB-first, DSP-frame
1
1
1
Reserved
Reserved
LRP:
Bit 1 – ADC-to-DAC LRCK Polarity Select
Polarity of LRCIN applies only to formats 0 through 4.
LOP
0
Left channel is H, right channel is L (default).
1
Left channel is L, right channel is H.
res:
Bit 0 – Reserved
This bit is reserved and should be set to 0.
PCM3001 DATA FORMAT CONTROL
The input and output data formats are controlled by pins 27 (FMT0), 26 (FMT1), and 25 (FMT2). Set these pins
to the same values shown for the bit-mapped PCM3000 controls in program register 3.
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com