Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000E/2K
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2K Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM3000E/2K Datasheet HTML 30Page - Texas Instruments PCM3000E/2K Datasheet HTML 31Page - Texas Instruments PCM3000E/2K Datasheet HTML 32Page - Texas Instruments PCM3000E/2K Datasheet HTML 33Page - Texas Instruments PCM3000E/2K Datasheet HTML 34Page - Texas Instruments PCM3000E/2K Datasheet HTML 35Page - Texas Instruments PCM3000E/2K Datasheet HTML 36Page - Texas Instruments PCM3000E/2K Datasheet HTML 37Page - Texas Instruments PCM3000E/2K Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
www.ti.com
APPLICATION INFORMATION
APPLICATION AND LAYOUT CONSIDERATIONS
TYPICAL CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
470 pF
470 pF
+
4.7
µF
4.7
µF
+
2.2
µF(2)
+
2.2
µF(2)
+
10 to 33 pF
4.7
µF +
Register Control
Interface
Reference
Bias
Analog
Front-End
Decimation
Filter
Interpolation
Filter
LPF and
Buffer
Digital
Audio
Interface
CLK/OSC
Manager
Delta-Sigma
Delta-Sigma
Post
Low-Pass
Filter
(1)
(1)
(1)
Serial
Control
or
Format
Control
Digital
Audio
Data
Reset
Line In Left-Channel
+5V
Line In Right-Channel
Line Out Right-Channel
Line Out Left-Channel
S0018-01
Post
Low-Pass
Filter
Analog
Front-End
LPF and
Buffer
POWER SUPPLY BYPASSING
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
A typical connection diagram for the PCM3000/3001 is shown in Figure 34.
(1)
Bypass capacitor = 0.1
µF and 10 µF.
(2)
The input capacitor affects the pole of the HPF. Example: 2.2
µF sets the cutoff frequency to 4.8 Hz, with a 66-ms
time constant.
Figure 34. Typical Connection Diagram for PCM3000/3001
The digital and analog power-supply lines to the PCM3000/3001 should be bypassed to the corresponding
ground pins with both 0.1-
µF ceramic and 10-µF tantalum capacitors as close to the device pins as possible to
maximize the performance of the ADC and DAC. Although the PCM3000/3001 has three power supply lines to
optimize dynamic performance, the use of one common power supply is generally recommended to avoid
unexpected latch-up or pop noise due to power-supply sequencing problems. If separate power supplies are
used, back-to-back diodes between the two power sources near the device are recommended to avoid latch-up
problems.
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com