Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000E/2K
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2K Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM3000E/2K Datasheet HTML 18Page - Texas Instruments PCM3000E/2K Datasheet HTML 19Page - Texas Instruments PCM3000E/2K Datasheet HTML 20Page - Texas Instruments PCM3000E/2K Datasheet HTML 21Page - Texas Instruments PCM3000E/2K Datasheet HTML 22Page - Texas Instruments PCM3000E/2K Datasheet HTML 23Page - Texas Instruments PCM3000E/2K Datasheet HTML 24Page - Texas Instruments PCM3000E/2K Datasheet HTML 25Page - Texas Instruments PCM3000E/2K Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
www.ti.com
BCKIN
LRCIN
DIN
t(BCH)
t(BCL)
t(LRP)
t(LB)
t(BCY)
1.4 V
t(BL)
DOUT
t(BDO)
t(LDO)
0.5 VDD
t(DIS)
t(DIH)
1.4 V
1.4 V
T0021−02
SYSTEM CLOCK
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
BCKIN pulse cycle time
t(BCY)
300 ns (min)
BCKIN pulse duration, HIGH
t(BCH)
120 ns (min)
BCKIN pulse duration, LOW
t(BCL)
120 ns (min)
BCKIN rising edge to LRCIN edge
t(BL)
40 ns (min)
LRCIN edge to BCKIN rising edge
t(LB)
40 ns (min)
LRCIN pulse duration
t(LRP)
t(BCY) (min)
DIN setup time
t(DIS)
40 ns (min)
DIN hold time
t(DIH)
40 ns (min)
DOUT delay time to BCKIN falling edge
t(BDO)
40 ns (max)
DOUT delay time to LRCIN edge
t(LDO)
40 ns (max)
Rising time of all signals
t(RISE)
20 ns (max)
Falling time of all signals
t(FALL)
20 ns (max
Figure 22. Audio Data Input/Output Timing
The system clock for the PCM3000/3001 must be either 256 fS, 384 fS, or 512 fS, where fS is the audio sampling
frequency. The system clock can be either a crystal oscillator placed between XTI (pin 20) and XTO (pin 21), or
an external clock input. If an external clock is used, the clock is provided to either XTI or CLKIO (pin 22), and
XTO is open. The PCM3000/3001 has an XTI clock detection circuit which senses if an XTI clock is operating.
When the external clock is delivered to XTI, CLKIO is a buffered output of XTI. When XTI is connected to
ground, the external clock must be tied to CLKIO. For best performance, the external-clock-input-2 circuit in
Figure 23 is recommended.
The PCM3000/3001 also has a system-clock detection circuit which automatically senses if the system clock is
operating at 256 fS, 384 fS, or 512 fS. When a 384-fS or 512-fS system clock is used, the clock is divided into
256 fS automatically. The 256-fS clock is used to operate the digital filters and the modulators.
Table 1 lists the relationship of typical sampling frequencies and system clock frequencies, and Figure 23 and
Figure 24 illustrate the typical system clock connections and external system clock timing.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com