Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000E/2K
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2K Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM3000E/2K Datasheet HTML 31Page - Texas Instruments PCM3000E/2K Datasheet HTML 32Page - Texas Instruments PCM3000E/2K Datasheet HTML 33Page - Texas Instruments PCM3000E/2K Datasheet HTML 34Page - Texas Instruments PCM3000E/2K Datasheet HTML 35Page - Texas Instruments PCM3000E/2K Datasheet HTML 36Page - Texas Instruments PCM3000E/2K Datasheet HTML 37Page - Texas Instruments PCM3000E/2K Datasheet HTML 38Page - Texas Instruments PCM3000E/2K Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
www.ti.com
GROUNDING
VOLTAGE INPUTS
VREF INPUTS
CINP AND CINN INPUTS
VCOM INPUT
SYSTEM CLOCK
RSTB CONTROL
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
APPLICATION INFORMATION (continued)
In order to optimize dynamic performance of the PCM3000/3001, the analog and digital grounds are not
internally connected. PCM3000/3001 performance is optimized with a single ground plane for all returns. It is
recommended to tie all PCM3000/3001 ground pins to the analog ground plane using low-impedance
connections. The PCM3000/3001 should reside entirely over this plane to avoid coupling high-frequency digital
switching noise into the analog ground plane.
A tantalum or aluminum electrolytic capacitor, between 2.2
µF and 10 µF, is recommended as an ac-coupling
capacitor at the inputs. Combined with the 15-k
Ω characteristic input impedance, a 2.2-µF coupling capacitor
establishes a 4.8-Hz cutoff frequency for blocking dc. The input voltage range can be increased by adding a
series resistor on the analog input line. This series resistor, when combined with the 15-k
Ω input impedance,
creates a voltage divider and enables larger input ranges.
A 4.7-
µF to 10-µF tantalum capacitor is recommended between V
REFL, VREFR, and AGND1 to ensure low source
impedance for the ADC references. These capacitors should be located as close as possible to the reference
pins to reduce dynamic errors on the ADC reference.
A 470-pF to 1000-pF film or NPO ceramic capacitor is recommended between CINPL and CINNL, and also
between CINPR and CINNR to create an antialias filter that has a 170-kHz to 80-kHz cutoff frequency. These
capacitors should be located as close as possible to the CINP and CINN pins to avoid introducing undesirable
noise or dynamic errors into the delta-sigma modulator.
A 4.7-
µF to 10-µF tantalum capacitor is recommended between VCOM and AGND2 to ensure low source
impedance of the DAC output common. This capacitor should located as close as possible to the VCOM pin to
reduce dynamic errors on the DAC common.
The quality of the system clock can influence the dynamic performance of both the ADC and DAC in the
PCM3000/3001. The duty cycle, jitter, and threshold voltage at the system clock input pin should be carefully
managed. When power is supplied to the part, the system clock, bit clock (BCKIN), and word clock (LCRIN) must
also be supplied simultaneously. Failure to supply the audio clocks results in a power dissipation increase of up
to three times normal dissipation and may degrade long-term reliability if the maximum power dissipation limit is
exceeded.
If capacitors greater than 4.7
µF are used on V
REF and VCOM, an external reset control with delay time
corresponding to the VREF, VCOM response is required.
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com