Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3000E/2K Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000E/2K
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2K Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM3000E/2K Datasheet HTML 21Page - Texas Instruments PCM3000E/2K Datasheet HTML 22Page - Texas Instruments PCM3000E/2K Datasheet HTML 23Page - Texas Instruments PCM3000E/2K Datasheet HTML 24Page - Texas Instruments PCM3000E/2K Datasheet HTML 25Page - Texas Instruments PCM3000E/2K Datasheet HTML 26Page - Texas Instruments PCM3000E/2K Datasheet HTML 27Page - Texas Instruments PCM3000E/2K Datasheet HTML 28Page - Texas Instruments PCM3000E/2K Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
www.ti.com
T0019-03
Reset
Internal Reset
DAC VOUT
32/fS
Reset Removal or Power Down(1) Off
ADC DOUT
Zero Data
Normal Data(2)
VCOM
(0.5 VCC2)
4096/fS
Zero Data
Ready/Operation
EXTERNAL RESET
t(RST)
Reset Removal
1024 System Clock Periods
RSTB
Internal Reset
System Clock
(XTI or CLKIO)
t(RST) = 40 ns (min)
Reset
T0015-04
RSTB Pulse Duration
SYNCHRONIZATION WITH THE DIGITAL AUDIO SYSTEM
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
(1)
Power down is for PCM3000 only.
(2)
The HPF transient response (exponentially attenuated signal from
±1.5% dc with 200-ms time constant) appears
initially.
Figure 26. DAC Output and ADC Output for Reset and Power Down
The PCM3000/3001 includes a reset input, RSTB (pin 28). As shown in Figure 27, the external reset signal must
drive RSTB low for a minimum of 40 nanoseconds while the system clock is active in order to initiate the reset
sequence. Initialization starts on the rising edge of RSTB, and requires 1024 system clock cycles for completion.
Figure 26 shows the state of the DAC and ADC outputs during and after the reset sequence.
Figure 27. External Forced-Reset Timing
The PCM3000/3001 operates with LRCIN synchronized to the system clock. The codec does not require any
specific phase relationship between LRCIN and the system clock, but there must be synchronization of LRCIN
and the system clock. If the synchronization between the system clock and LRCIN changes more than 6 bit
clocks (BCKIN) during one sample (LRCIN) period because of phase jitter on LRCIN, internal operation of the
DAC stops within 1/fS, and the analog output is forced to bipolar zero (VCC2/2) until the system clock is
resynchronized to LRCIN. Internal operation of the ADC also stops within 1/fS, and the digital output codes are
set to bipolar zero until resynchronization occurs. If LRCIN is synchronized within 5 or fewer bit clocks to the
system clock, operation remains normal.
Figure 28 illustrates the effects on the output when synchronization is lost. Before the outputs are forced to
bipolar zero (<1/fS seconds), the outputs are not defined and some noise may occur. During the transitions
between normal data and undefined states, the output has discontinuities, which cause output noise.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com