Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TLX-A/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP3918TLX-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TLX-A/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3918TLX-A/NOPB Datasheet HTML 15Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 16Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 17Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 18Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 19Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 20Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 21Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 22Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
LDO2 - 7
PS_HOLD
LDO1
If PS_HOLD is low 35 ms after initially going low,
then LDO2-7 are shutdown
LDO1 is shutdown 40 Ps after other
LDO's are shutdown
35 ms
40 Ps
RESET
CHG_IN
HF_PWR
PS_HOLD
LDO1
LDO2
320 ms
87%
87% Reg
PS_HOLD needs to be asserted within 1200 ms
after HF_PWR, or CHG_IN rising edge has been
detected.
If charger is connected (CHG_IN) or HF_PWR is
applied, then both events are filtered for 320 ms
before enabling LDO1
60 ms
1.2s
If no enabling signal is high on
the rising edge of PS_HOLD,
shutdown will occur.
RESET
200 Ps
Either HF_PWR or CHG_IN will enable LDO1
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
Figure 6. LP3918 Power On Behaviour (Failed PS_Hold)
Figure 7. LP3918 Normal Shutdown Behaviour
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com