Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TLX-A/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3918TLX-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TLX-A/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3918TLX-A/NOPB Datasheet HTML 5Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 6Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 7Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 8Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 9Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 10Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 11Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 12Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
LDO2 (DIGI) Electrical Characteristics (continued)
Unless otherwise noted, VIN ( = VIN1 = VIN2 = BATT) = 3.6V, GND = 0V, CVIN1-2=10µF, CLDOX=1µF. Note VINMIN is the greater
of 3.0V or VOUT2+ 0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, Ta = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
en2
Output Noise Voltage
10Hz
≤ f≤ 100KHz,
45
µVRMS
COUT = 1µF
(3)
PSRR
Power Supply Rejection
F = 10kHz, COUT = 1µF
65
dB
Ratio
IOUT2 = 20mA
(3)
tSTART-UP
Start-Up Time from Shut-
COUT = 1µF, IOUT2 = 300mA
40
60
µs
down
(3)
tTransient
Start-Up Transient
COUT = 1µF, IOUT2 = 300mA
5
30
mV
Overshoot
(3)
(3)
Specified by design. Not production tested.
LDO3 (ANA), LDO4 (TCXO) Electrical Characteristics
Unless otherwise noted, VIN ( = VIN1 = VIN2 = BATT) = 3.6V, GND = 0V, CVIN1-2=10µF, CLDOX=1µF. TCXO_EN high. Note
VINMIN is the greater of 3.0V or VOUT3/4 + 0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, Ta = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VOUT3, VOUT4
Output Voltage Accuracy
IOUT3/4 = 1mA, VOUT3/4= 3.0V
−2
+2
%
−3
+3
Output Voltage
LDO3 default
3.0
V
LDO4 default
3.0
IOUT3, IOUT4
Output Current
VINMIN ≤ VIN ≤ 5.5V
80
mA
Output Current Limit
VOUT3/4 = 0V
160
VDO3, VDO4
Dropout Voltage
IOUT3/4 = 80mA
(2)
180
220
mV
ΔVOUT3 , ΔVOUT4
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
mV
IOUT3/4 = 1mA
Load Regulation
1mA
≤ IOUT3/4 ≤ 80mA
20
mV
en3,en4
Output Noise Voltage
10Hz
≤ f ≤ 100kHz,
45
µVRMS
COUT = 1µF
(3)
PSRR
Power Supply Rejection
F = 10kHz, COUT = 1µF
65
dB
Ratio
IOUT3/4 = 20mA
(3)
tSTART-UP
Start-Up Time from Shut-
COUT = 1µF, IOUT3/4 = 80mA
40
60
µs
down
(3)
tTransient
Start-Up Transient
COUT = 1µF, IOUT3/4 = 80mA
5
30
mV
Overshoot
(3)
(1)
All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 3.0V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V.
(3)
Specified by design. Not productino tested.
LDO5 (RX), LDO6 (TX), LDO7 (GP) Electrical Characteristics
Unless otherwise noted, VIN ( = VIN1 = VIN2 = BATT) = 3.6V, GND = 0V, CVIN1-2=10µF, CLDOX=1µF. RX_EN, TX_EN high.
LDO7 Enabled via Serial Interface. Note VINMIN is the greater of 3.0V or VOUT5/6/7 + 0.5V. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com