Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TLX-A/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LP3918TLX-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TLX-A/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP3918TLX-A/NOPB Datasheet HTML 25Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 26Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 27Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 28Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 29Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 30Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 31Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 32Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
SDA
SCL
S
P
START CONDITION
STOP CONDITION
SDA
SCL
Data Line
Stable:
Data Valid
Change
of Data
Allowed
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
Table 21. Register Address 8h'1C: Misc(1) (continued)
BIT
NAME
FUNCTION (if bit = '1')
0
PWR_HOLD
1b'0: If PWR_HOLD is low for 35ms the device will shutdown.
DELAY
(Default)
1b'1: If PWR_HOLD is low for 350ms the device will shutdown.
I
2C Compatible Serial Bus Interface
INTERFACE BUS OVERVIEW
The I2C compatible synchronous serial interface provides access to the programmable functions and registers on
the device.
This protocol uses a two-wire interface for bi-directional communications between the IC’s connected to the bus.
The two interface lines are the Serial Data Line (SDA), and the Serial Clock Line (SCL). These lines should be
connected to a positive supply, via a pull-up resistor of 1.5K
Ω, and remain HIGH even when the bus is idle.
Every device on the bus is assigned a unique address and acts as either a Master or a Slave depending on
whether it generates or receives the serial clock (SCL).
DATA TRANSACTIONS
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock
(SCL). Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the
SDA line during the high state of the SCL and in the middle of a transaction, aborts the current transaction. New
data should be sent during the low SCL state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
Figure 14. Bit Transfer
Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and a
Stop Condition to terminate the transaction. Every byte written to the SDA bus must be 8 bits long and is
transferred with the most significant bit first. After each byte, an Acknowledge signal must follow. The following
sections provide further details of this process.
START AND STOP
The Master device on the bus always generates the Start and Stop Conditions (control codes). After a Start
Condition is generated, the bus is considered busy and it retains this status until a certain time after a Stop
Condition is generated. A high-to-low transition of the data line (SDA) while the clock (SCL) is high indicates a
Start Condition. A low-to-high transition of the SDA line while the SCL is high indicates a Stop Condition.
Figure 15. Start and Stop Conditions
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com